Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SP30 Datasheet HTML 4Page - Infineon Technologies AG SP30 Datasheet HTML 5Page - Infineon Technologies AG SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG SP30 Datasheet HTML 10Page - Infineon Technologies AG SP30 Datasheet HTML 11Page - Infineon Technologies AG SP30 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
8
14
2.5
Clock sources
2.5.1
System clock (MCLK)
Table 11 System clock (MCLK) specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
MCLK frequency
1.8
2.0
2.2
MHz
-40 to 125
2.1 3.6
2.5.2
Low Power (LP) oscillator
Table 12 LP oscillator specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
Tit
0.5, 1.0, 2.0 or 4.0
s
-40 to 125
2.1 to 3.6
Interval timer main tick
del2t
25, 50, 75 or 100
ms
-40 to 125
2.1 to 3.6
Delay to extra tick
LP oscillator accuracy
-20
20
%
-40 to 125
2.1 to 3.6
2.5.3
External clock
Table 13 External clock specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
External clock
3.5
MHz
-40 to 125
2.1 to 3.6
2.6
LF input
Table 14 LF telegram
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
Modulation
ASK
-40 to 125
2.1 to 3.6
Carrier frequency
121.25
125
128.75
kHz
-40 to 125
2.1 to 3.6
Preamble period
4
ms
-40 to 125
2.1 to 3.6
Data rate
3.84
3.9
3.96
kHz
-40 to 125
2.1 to 3.6
Settling time
2
ms
-40 to 125
2.1 to 3.6 Time from LF interface
is turned on by RISC to
the LF interface is
active
Detection threshold
5
mVp-p
-40 to 125
2.1 to 3.6
Input capacitance
10
12
pF
-40 to 125
2.1 to 3.6
Input resistance
500
k
Ω
-40 to 125
2.1 to 3.6
Other
The input signals from the enabled LF channels are rectified and real time summed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com