Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604B Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
PH[6]
PCR[118]
AF0
AF1
AF2
AF3
GPIO[118]
E1UC[8]
—
MA[2]
SIUL
eMIOS_1
—
ADC
I/O
I/O
—
O
M
Tristate
—
—
—
136
D5
PH[7]
PCR[119]
AF0
AF1
AF2
AF3
GPIO[119]
E1UC[9]
CS3_2
MA[1]
SIUL
eMIOS_1
DSPI_2
ADC
I/O
I/O
O
O
M
Tristate
—
—
—
137
C5
PH[8]
PCR[120]
AF0
AF1
AF2
AF3
GPIO[120]
E1UC[10]
CS2_2
MA[0]
SIUL
eMIOS_1
DSPI_2
ADC
I/O
I/O
O
O
M
Tristate
—
—
—
138
A5
PH[9]9 PCR[121]
AF0
AF1
AF2
AF3
GPIO[121]
—
TCK
—
SIUL
—
JTAGC
—
I/O
—
I
—
S
Input,
weak
pull-up
—
—
88
127
B8
PH[10]9 PCR[122]
AF0
AF1
AF2
AF3
GPIO[122]
—
TMS
—
SIUL
—
JTAGC
—
I/O
—
I
—
S
Input,
weak
pull-up
—
—
81
120
B9
1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA = 00 -> AF0;
PCR.PA =01->AF1; PCR.PA =10->AF2; PCR.PA =11->AF3. This is intended to select the output functions; to use one of the input
functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields. For this reason, the value
corresponding to an input only function is reported as “—”.
2 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the values of
the PSMIO.PADSELx bitfields inside the SIUL module.
3 208 MAPBGA available only as development package for Nexus2+
4 All WKUP pins also support external interrupt capability. See wakeup unit chapter for further details.
5 NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored.
6 “Not applicable” because these functions are available only while the device is booting. Refer to BAM chapter of the reference manual
for details.
7 Value of PCR.IBE bit must be 0
Table 3. Functional port pin descriptions (continued)
Port
pin
PCR
register
Alternate
function1
Function
Peripheral
I/O
direction2
Pad
type
RESET
config.
Pin No.
64
LQFP
64
LQFP
5CAN 4
LIN
100
LQFP
144
LQFP
208
MAP
BGA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com