Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604B Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
49
PD[14]
10%
—
12%
—
18%
—
21%
—
PB[14]
10%
—
12%
—
18%
—
21%
—
PD[15]
10%
—
11%
—
18%
—
21%
—
PB[15]
9%
—
11%
—
18%
—
21%
—
PA[3]
9%
—
11%
—
18%
—
21%
—
PG[13]
9%
13%
10%
11%
18%
26%
21%
23%
PG[12]
9%
12%
10%
11%
18%
26%
21%
23%
PH[0]
5%
8%
6%
7%
18%
26%
21%
23%
PH[1]
5%
7%
6%
6%
18%
26%
21%
23%
PH[2]
5%
6%
5%
6%
18%
25%
21%
22%
PH[3]
4%
6%
5%
5%
18%
25%
21%
22%
PG[1]
4%
—
4%
—
18%
—
21%
—
PG[0]
3%
4%
4%
4%
17%
25%
21%
22%
PF[15]
3%
—
4%
—
17%
—
20%
—
PF[14]
4%
5%
5%
5%
16%
23%
20%
21%
PE[13]
4%
—
5%
—
16%
—
19%
—
PA[7]
5%
—
6%
—
16%
—
19%
—
PA[8]
5%
—
6%
—
16%
—
19%
—
PA[9]
5%
—
6%
—
15%
—
18%
—
PA[10]
6%
—
7%
—
15%
—
18%
—
PA[11]
6%
—
8%
—
14%
—
17%
—
PE[12]
7%
—
8%
—
11%
—
14%
—
PG[14]
7%
—
8%
—
10%
—
12%
—
PG[15]
7%
10%
8%
9%
10%
14%
12%
12%
PE[14]
7%
—
8%
—
9%
—
11%
—
PE[15]
7%
9%
8%
8%
9%
12%
10%
11%
PG[10]
6%
—
8%
—
8%
—
10%
—
PG[11]
6%
9%
7%
8%
8%
11%
9%
10%
PC[3]
6%—
7%
—
7%—
9%
—
PC[2]
6%
8%7%
7%6%
9%8%
8%
PA[5]
5%
7%6%
6%6%
8%7%
7%
PA[6]
5%—
6%
—
5%—
6%
—
PC[1]
5%—
5%
—
5%—
5%
—
Table 19. I/O weight1
PAD
144/100 LQFP
64 LQFP2
Weight 5V
SRE=0
Weight 5V
SRE=1
Weight 3.3V
SRE=0
Weight 3.3V
SRE=1
Weight 5V
SRE=0
Weight 5V
SRE=1
Weight 3.3V
SRE=0
Weight 3.3V
SRE=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com