Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604B Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
58
4.11
Flash memory electrical characteristics
4.11.1
Program/Erase characteristics
Table 24 shows the program and erase characteristics.
Table 24. Program and erase specifications
Symbol
C
Parameter
Value
Unit
Min
Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 °C.
Initial
max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program and erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
Tdwprogram CC C Double word (64 bits) program time
4
4 Actual hardware programming times. This does not include software overhead.
—22
50
500
µs
T16Kpperase
16 KB block pre-program and erase time
—
300
500
5000
ms
T32Kpperase
32 KB block pre-program and erase time
—
400
600
5000
ms
T128Kpperase
128 KB block pre-program and erase time
—
800
1300
7500
ms
Tesus
CC D Erase Suspend Latency
—
—
30
30
µs
Table 25. Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
P/E
CC C Number of program/erase cycles per
block for 16 KB blocks over the
operating temperature range (TJ)
—
100,000
—
—
cycles
P/E
CC C Number of program/erase cycles per
block for 32 KB blocks over the
operating temperature range (TJ)
—
10,000 100,000
—
cycles
P/E
CC C Number of program/erase cycles per
block for 128 KB blocks over the
operating temperature range (TJ)
—
1,000
100,000
—
cycles
Retention CC C Minimum data retention at 85 °C
average ambient temperature1
Blocks with 0–1,000 P/E
cycles
20
—
—
years
Blocks with
1,001–10,000 P/E
cycles
10
—
—
years
Blocks with
10,001–100,000 P/E
cycles
5—
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com