Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604B Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
60
4.11.2
Flash power supply DC characteristics
Table 27 shows the power supply DC characteristics on external supply.
Table 27. Code Flash power supply DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
IFREAD
2
2 This value is only relative to the actual duration of the read cycle
CC D Sum of the current consumption on
VDDHV and VDDBV on read access
Code Flash module read
fCPU = 64 MHz
3
3 f
CPU 64 MHz can be achieved only at up to 105 °C
—15
33
mA
Data Flash module read
fCPU = 64 MHz
3
—15
33
IFMOD
2
CC D Sum of the current consumption on
VDDHV and VDDBV on matrix
modification (program/erase)
Program/Erase on-going while
reading Code Flash registers
fCPU = 64 MHz
3
—15
33
mA
Program/Erase on-going while
reading Data Flash registers
fCPU = 64 MHz
3
—15
33
IFLPW CC D Sum of the current consumption on
VDDHV and VDDBV
during Code Flash low-power
mode
——
900
µA
during Data Flash low-power
mode
——
900
IFPWD CC D Sum of the current consumption on
VDDHV and VDDBV
during Code Flash power-down
mode
——
150
µA
during Data Flash power-down
mode
——
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com