Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604B Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
48
PA[12]
7%
—
8%
—
7%
—
8%
—
PB[9]
1%
—
1%
—
1%
—
1%
—
PB[8]
1%
—
1%
—
1%
—
1%
—
PB[10]
6%
—
7%
—
6%
—
7%
—
PF[0]
6%—
7%
—
6%—
7%
—
PF[1]
7%—
8%
—
7%—
8%
—
PF[2]
7%—
8%
—
7%—
8%
—
PF[3]
7%—
9%
—
8%—
9%
—
PF[4]
8%—
9%
—
8%—
9%
—
PF[5]
8%
—
10%
—
8%
—
10%
—
PF[6]
8%
—
10%
—
9%
—
10%
—
PF[7]
9%
—
10%
—
9%
—
11%
—
PD[0]
1%—
1%
—
1%—
1%
—
PD[1]
1%—
1%
—
1%—
1%
—
PD[2]
1%—
1%
—
1%—
1%
—
PD[3]
1%—
1%
—
1%—
1%
—
PD[4]
1%—
1%
—
1%—
1%
—
PD[5]
1%—
1%
—
1%—
1%
—
PD[6]
1%—
1%
—
1%—
1%
—
PD[7]
1%—
1%
—
1%—
1%
—
PD[8]
1%—
1%
—
1%—
1%
—
PB[4]
1%
—
1%
—
1%
—
1%
—
PB[5]
1%
—
1%
—
1%
—
2%
—
PB[6]
1%
—
1%
—
1%
—
2%
—
PB[7]
1%
—
1%
—
1%
—
2%
—
PD[9]
1%—
1%
—
1%—
2%
—
PD[10]
1%
—
1%
—
1%
—
2%
—
PD[11]
1%
—
1%
—
1%
—
2%
—
PB[11]
11%
—
13%
—
17%
—
21%
—
PD[12]
11%
—
13%
—
18%
—
21%
—
PB[12]
11%
—
13%
—
18%
—
21%
—
PD[13]
10%
—
12%
—
18%
—
21%
—
PB[13]
10%
—
12%
—
18%
—
21%
—
Table 19. I/O weight1
PAD
144/100 LQFP
64 LQFP2
Weight 5V
SRE=0
Weight 5V
SRE=1
Weight 3.3V
SRE=0
Weight 3.3V
SRE=1
Weight 5V
SRE=0
Weight 5V
SRE=1
Weight 3.3V
SRE=0
Weight 3.3V
SRE=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com