Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604B Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 106Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Document revision history
Freescale Semiconductor
102
2
06-Mar-2009 Added Figure 11
Updated Table 20 and Table 21
Updated Section 4.11, Flash memory electrical characteristics
Added Section 4.12, Electromagnetic compatibility (EMC) characteristics
Updated Section 4.13, Fast external crystal oscillator (4 to 16 MHz) electrical
characteristics
Updated Section 4.14, Slow external crystal oscillator (32 kHz) electrical characteristics
Updated Table 34, Table 35 and Table 36
Added Section 4.19, On-chip peripherals
Added Table 37
Updated Table 38
Updated Table 47
Added Section Appendix A, Abbreviations
4
06-Aug-2009 Updated Figure 6
Table 5
•VDD_ADC: changed min value for “relative to VDD“ condition
•VIN: changed min value for “relative to VDD“ condition
•ICORELV: added new row
Table 7
•TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part, TJ M-Grade Part:
added new rows
• Changed capacitance value in footnote
Table 14
• MEDIUM configuration: added condition for PAD3V5V = 0
Updated Figure 10
Table 19
•CDEC1: changed min value
•IMREG: changed max value
•IDD_BV: added max value footnote
Table 20
•VLVDHV3H: changed max value
•VLVDHV3L: added max value
•VLVDHV5H: changed max value
•VLVDHV5L: added max value
Updated Table 21
Table 23
• Retention: deleted min value footnote for “Blocks with 100,000 P/E cycles“
Table 31
•IFXOSC: added typ value
Table 33
•VSXOSC: changed typ value
•TSXOSCSU: added max value footnote
Table 34
•
t
LTJIT: added max value
Updated Figure 36
Table 45. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com