Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B554JD Datasheet(PDF) 2 Page - Kemet Corporation

Part # CSR09B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554JD Datasheet(HTML) 2 Page - Kemet Corporation

  CSR09B554JD Datasheet HTML 1Page - Kemet Corporation CSR09B554JD Datasheet HTML 2Page - Kemet Corporation CSR09B554JD Datasheet HTML 3Page - Kemet Corporation CSR09B554JD Datasheet HTML 4Page - Kemet Corporation CSR09B554JD Datasheet HTML 5Page - Kemet Corporation CSR09B554JD Datasheet HTML 6Page - Kemet Corporation CSR09B554JD Datasheet HTML 7Page - Kemet Corporation CSR09B554JD Datasheet HTML 8Page - Kemet Corporation CSR09B554JD Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
5
• CAPACITANCE/VOLTAGE RANGE:
.0023-1200µF, 6-125 Volts.
• CAPACITANCE TOLERANCE: Available in stan-
dard EIA values with ±20%, ±10% and ±5% toler-
ances.
• DISSIPATION FACTOR: Maximum DF limits are
shown in corresponding series part number list-
ings on pages 7-41. See Application Notes
Section, page 76 for additional description.
• DC LEAKAGE CURRENT: Each corresponding
part number table lists maximum leakage current
for each capacitor on pages 7-41. See Application
Notes Section, page 76 for additional description.
• RATED
VOLTAGE;
WORKING
VOLTAGE;
SURGE VOLTAGE; REVERSE VOLTAGE: See
Application Notes Section, Pages 76 & 77 for
description.
• IMPEDANCE and ESR: See Application Notes
Section, pages 77 & 78 for description. Reference
ESR values are shown for commercial hermetical-
ly sealed capacitors on page 19.
• AC RIPPLE VOLTAGE: Permissible AC ripple volt-
age is related to the ESR of the capacitor and the
power dissipation capabilities of a particular case
size. Thermal capacities for the various case sizes
have been determined empirically and are listed
below. For additional description see page 78.
• ENVIRONMENTAL CONSIDERATIONS:
A. Shock Test: MIL-STD-202, Method 213
B. Thermal Shock, MIL-STD-202,
Method 107, Condition B.
C. Moisture Resistance: MIL-STD-202,
Method 106.
D. Solderability: MIL-STD-202, Method 208
For additional Environmental Test Information see
pages 80, 81 and 82.
• LEAD MATERIAL: Standard leads are solder-coat-
ed nickel per MIL-STD-1276.
• INSULATING SLEEVES: The standard insulating
material used in transparent high temperature
plastic, having 2000 volt dielectric strength, excel-
lent dimensional stability and chemical and cold
flow resistance.
• LEAD TAPE and REEL: Reeling per specification
RS-296. See pages 71 and 73 for additional infor-
mation.
KEMET APPROVED FAILURE RATE LEVELS — MIL-PRF-39003/H (GRADED)
KEMET
APPROVED FAILURE
STYLE
DESCRIPTION
SERIES
RATE LEVEL*
CSR09
Polar-Subminiature
T222
D (0.001%/k hrs.)
CSR13* Polar-Standard MIL Case
T212
D (0.001%/k hrs.)
CSS13** Polar-Standard MIL Case
T216
C (0.01%/k hrs.)
CSR21
Polar-Standard Low ESR
MIL Case
T262
D (0.001%/k hrs.)
CSR23* Polar-Extended Range
T242
D (0.001%/k hrs.)
*Not approved to ‘D’ Failure Rate Level on all voltages and
capacitance values.
**MIL-PRF-39003/10 for space applications.
*Not approved to ‘D’ Failure Rate Level on all voltages and
capacitance values.
**MIL-PRF-39003/10 for space applications.
PERFORMANCE CHARACTERISTICS
Standard
Case Size
Watts
T222
A
.09
.070
B
.100
.090
C
.125
—
D
.180
—
Maximum Power Dissipation: 25°C Ambient
KEMET
APPROVED FAILURE
STYLE
DESCRIPTION
SERIES
RATE LEVEL*
CSR33* Polar-Extended Range
Low Leakage
T252
D (0.001%/k hrs.)
CSS33** Polar-Extended Range
Low Leakage
T256
C (0.01%/k hrs.)
CSR91* Non-Polar
T213
D (0.001%/k hrs.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com