Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B554JD Datasheet(PDF) 20 Page - Kemet Corporation

Part # CSR09B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554JD Datasheet(HTML) 20 Page - Kemet Corporation

Back Button CSR09B554JD Datasheet HTML 16Page - Kemet Corporation CSR09B554JD Datasheet HTML 17Page - Kemet Corporation CSR09B554JD Datasheet HTML 18Page - Kemet Corporation CSR09B554JD Datasheet HTML 19Page - Kemet Corporation CSR09B554JD Datasheet HTML 20Page - Kemet Corporation CSR09B554JD Datasheet HTML 21Page - Kemet Corporation CSR09B554JD Datasheet HTML 22Page - Kemet Corporation CSR09B554JD Datasheet HTML 23Page - Kemet Corporation CSR09B554JD Datasheet HTML 24Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
KEMET T111 SERIES
MIL-PRF-39003 (CSR91) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C (Cont’d)
0.9
B
10
T111B904K075AS
0.7
4
2014 2114 2214 2314 3150 4150 5150 T213B904K075(1)S
1.1
B
10
T111B115K075AS
0.8
4
2015 2115 2215 2315 3151 4151 5151 T213B115K075(1)S
1.1
B
20
T111B115M075AS
0.8
4
2016 2116 2216 2316 3152 4152 5152 T213B115M075(1)S
1.3
B
10
T111B135K075AS
1.0
4
2017 2117 2217 2317 3153 4153 5153 T213B135K075(1)S
1.6
B
10
T111B165K075AS
1.2
4
0311 0531 0751 0971 3154 4154 5154 T213B165K075(1)S
1.6
B
20
T111B165M075AS
1.2
4
0312 0532 0752 0972 3155 4155 5155 T213B165M075(1)S
1.9
B
10
T111B195K075AS
1.5
4
0313 0533 0753 0973 3156 4156 5156 T213B195K075(1)S
2.3
C
10
T111C235K075AS
3.0
4
2003 2103 2203 2303 3157 4157 5157 T213C235K075(1)S
2.3
C
20
T111C235M075AS
3.0
4
2004 2104 2204 2304 3158 4158 5158 T213C235M075(1)S
2.8
C
10
T111C285K075AS
3.0
4
2005 2105 2205 2305 3159 4159 5159 T213C285K075(1)S
3.4
C
10
T111C345K075AS
5.0
4
2006 2106 2206 2306 3160 4160 5160 T213C345K075(1)S
3.4
C
20
T111C345M075AS
5.0
4
2007 2107 2207 2307 3161 4161 5161 T213C345M075(1)S
4.1
C
10
T111C415K075AS
5.0
4
0314 0534 0754 0974 3162 4162 5162 T213C415K075(1)S
5.0
C
10
T111C505K075AS
5.0
4
0315 0535 0755 0975 3163 4163 5163 T213C505K075(1)S
5.0
C
20
T111C505M075AS
5.0
4
0316 0536 0756 0976 3164 4164 5164 T213C505M075(1)S
6.0
D
10
T111D605K075AS
5.0
4
0317 0537 0757 0977 3165 4165 5165 T213D605K075(1)S
7.5
D
10
T111D755K075AS
7.0
4
0318 0538 0758 0978 3166 4166 5166 T213D755K075(1)S
7.5
D
20
T111D755M075AS
7.0
4
0319 0539 0759 0979 3167 4167 5167 T213D755M075(1)S
100 VOLT RATING AT 85°C — 67 VOLT RATING AT 125°C
0.0023
A
10
T111A232K100AS
0.3
2
0320 0540 0760 0980 3168 4168
* T213A232K100(1)S
0.0023
A
20
T111A232M100AS
0.3
2
0321 0541 0761 0981 3169 4169
* T213A232M100(1)S
0.0028
A
10
T111A282K100AS
0.3
2
0322 0542 0762 0982 3170 4170
* T213A282K100(1)S
0.0034
A
10
T111A342K100AS
0.3
2
0323 0543 0763 0983 3171 4171
* T213A342K100(1)S
0.0034
A
20
T111A342M100AS
0.3
2
0324 0544 0764 0984 3172 4172
* T213A342M100(1)S
0.0041
A
10
T111A412K100AS
0.3
2
0325 0545 0765 0985 3173 4173
* T213A412K100(1)S
0.005
A
10
T111A502K100AS
0.3
2
0326 0546 0766 0986 3174 4174
* T213A502K100(1)S
0.005
A
20
T111A502M100AS
0.3
2
0327 0547 0767 0987 3175 4175
* T213A502M100(1)S
0.006
A
10
T111A602K100AS
0.3
2
0328 0548 0768 0988 3176 4176
* T213A602K100(1)S
0.0075
A
10
T111A752K100AS
0.3
2
0329 0549 0769 0989 3177 4177
* T213A752K100(1)S
0.0075
A
20
T111A752M100AS
0.3
2
0330 0550 0770 0990 3178 4178
* T213A752M100(1)S
0.009
A
10
T111A902K100AS
0.3
2
0331 0551 0771 0991 3179 4179
* T213A902K100(1)S
0.011
A
10
T111A113K100AS
0.3
2
0332 0552 0772 0992 3180 4180
* T213A113K100(1)S
0.011
A
20
T111A113M100AS
0.3
2
0333 0553 0773 0993 3181 4181
* T213A113M100(1)S
0.013
A
10
T111A133K100AS
0.3
2
0334 0554 0774 0994 3182 4182
* T213A133K100(1)S
0.016
A
10
T111A163K100AS
0.3
2
0335 0555 0775 0995 3183 4183
* T213A163K100(1)S
0.016
A
20
T111A163M100AS
0.3
2
0336 0556 0776 0996 3184 4184
* T213A163M100(1)S
0.019
A
10
T111A193K100AS
0.3
2
0337 0557 0777 0997 3185 4185
* T213A193K100(1)S
0.023
A
10
T111A233K100AS
0.3
2
0338 0558 0778 0998 3186 4186
* T213A233K100(1)S
0.023
A
20
T111A233M100AS
0.3
2
0339 0559 0779 0999 3187 4187
* T213A233M100(1)S
0.028
A
10
T111A283K100AS
0.3
2
0340 0560 0780 1000 3188 4188
* T213A283K100(1)S
0.034
A
10
T111A343K100AS
0.3
2
0341 0561 0781 1001 3189 4189
* T213A343K100(1)S
0.034
A
20
T111A343M100AS
0.3
2
0342 0562 0782 1002 3190 4190
* T213A343M100(1)S
0.041
A
10
T111A413K100AS
0.3
2
0343 0563 0783 1003 3191 4191
* T213A413K100(1)S
0.05
A
10
T111A503K100AS
0.3
2
0344 0564 0784 1004 3192 4192
* T213A503K100(1)S
0.05
A
20
T111A503M100AS
0.3
2
0345 0565 0785 1005 3193 4193
* T213A503M100(1)S
0.06
A
10
T111A603K100AS
0.3
2
0346 0566 0786 1006 3194 4194
* T213A603K100(1)S
0.075
A
10
T111A753K100AS
0.3
2
0347 0567 0787 1007 3195 4195
* T213A753K100(1)S
0.075
A
20
T111A753M100AS
0.3
2
0348 0568 0788 1008 3196 4196
* T213A753M100(1)S
0.09
A
10
T111A903K100AS
0.3
2
0349 0569 0789 1009 3197 4197
* T213A903K100(1)S
0.11
A
10
T111A114K100AS
0.3
2
0350 0570 0790 1010 3198 4198
* T213A114K100(1)S
0.11
A
20
T111A114M100AS
0.3
2
0351 0571 0791 1011 3199 4199
* T213A114M100(1)S
0.13
A
10
T111A134K100AS
0.3
2
0352 0572 0792 1012 3200 4200
* T213A134K100(1)S
0.16
A
10
T111A164K100AS
0.3
2
0353 0573 0793 1013 3201 4201
* T213A164K100(1)S
0.16
A
20
T111A164M100AS
0.3
2
0354 0574 0794 1014 3202 4202
* T213A164M100(1)S
0.19
A
10
T111A194K100AS
0.3
2
0355 0575 0795 1015 3203 4203
* T213A194K100(1)S
0.23
A
10
T111A234K100AS
0.3
2
0356 0576 0796 1016 3204 4204
* T213A234K100(1)S
0.23
A
20
T111A234M100AS
0.3
2
0357 0577 0797 1017 3205 4205
* T213A234M100(1)S
0.28
A
10
T111A284K100AS
0.3
2
0358 0578 0798 1018 3206 4206
* T213A284K100(1)S
0.34
B
10
T111B344K100AS
0.3
2
0359 0579 0799 1019 3207 4207
* T213B344K100(1)S
0.34
B
20
T111B344M100AS
0.3
2
0360 0580 0800 1020 3208 4208
* T213B344M100(1)S
0.41
B
10
T111B414K100AS
0.4
2
0361 0581 0801 1021 3209 4209
* T213B414K100(1)S
0.5
B
10
T111B504K100AS
0.5
2
0362 0582 0802 1022 3210 4210
* T213B504K100(1)S
0.5
B
20
T111B504M100AS
0.5
2
0363 0583 0803 1023 3211 4211
* T213B504M100(1)S
0.6
B
10
T111B604K100AS
0.5
3
0364 0584 0804 1024 3212 4212
* T213B604K100(1)S
0.75
B
10
T111B754K100AS
0.7
3
0365 0585 0805 1025 3213 4213
* T213B754K100(1)S
0.75
B
20
T111B754M100AS
0.7
3
0366 0586 0806 1026 3214 4214
* T213B754M100(1)S
0.9
B
10
T111B904K100AS
0.7
3
0367 0587 0807 1027 3215 4215
* T213B904K100(1)S
1.1
B
10
T111B115K100AS
0.9
3
0368 0588 0808 1028 3216 4216
* T213B115K100(1)S
1.1
B
20
T111B115M100AS
0.9
3
0369 0589 0809 1029 3217 4217
* T213B115M100(1)S
1.3
B
10
T111B135K100AS
1.1
3
0370 0590 0810 1030 3218 4218
* T213B135K100(1)S
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/4C
EXPONENTIAL
MIL-PRF-39003/4C
GRADED
(1) To complete T213 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 6.
*Note: D failure rate — Not QPL for 5168 thru 5218
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T111 SERIES — NON-POLAR & T213 (CSR91)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com