Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B554JD Datasheet(PDF) 37 Page - Kemet Corporation

Part # CSR09B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554JD Datasheet(HTML) 37 Page - Kemet Corporation

Back Button CSR09B554JD Datasheet HTML 30Page - Kemet Corporation CSR09B554JD Datasheet HTML 31Page - Kemet Corporation CSR09B554JD Datasheet HTML 32Page - Kemet Corporation CSR09B554JD Datasheet HTML 33Page - Kemet Corporation CSR09B554JD Datasheet HTML 34Page - Kemet Corporation CSR09B554JD Datasheet HTML 35Page - Kemet Corporation CSR09B554JD Datasheet HTML 36Page - Kemet Corporation CSR09B554JD Datasheet HTML 37Page - Kemet Corporation CSR09B554JD Datasheet HTML 38Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T216 (CSS13) & T256 (CSS33) SERIES
40
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE T216/(CSS13) (Cont’d)
T256/(CSS33)
RATINGS AND PART NUMBER REFERENCE
(1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100.
B
C
(0.1)
(0.01)
0.15
A
T216A154K075CS
0.3
5.0
6.3
2
4
4.4
2097(1)
3097(1)
0.18
A
T216A184K075CS
0.3
5.0
6.3
2
4
4.0
2098(1)
3098(1)
0.22
A
T216A224K075CS
0.3
5.0
6.3
2
4
3.5
2099(1)
3099(1)
0.27
A
T216A274K075CS
0.3
5.0
6.3
2
4
3.1
2100(1)
3100(1)
0.33
A
T216A334K075CS
0.3
5.0
6.3
2
4
2.8
2101(1)
3101(1)
0.39
A
T216A394K075CS
0.3
5.0
6.3
2
4
2.6
2102(1)
3102(1)
0.47
A
T216A474K075CS
0.3
5.0
6.3
2
4
2.4
2103(1)
3103(1)
0.56
A
T216A564K075CS
0.3
5.0
6.3
2
4
2.25
2104(1)
3104(1)
0.68
A
T216A684K075CS
0.3
5.0
6.3
2
4
2.10
2105(1)
3105(1)
0.82
B
T216B824K075CS
0.3
5.0
6.3
2
4
1.47
2106(1)
3106(1)
1.0
B
T216B105K075CS
0.4
5.0
6.3
2
4
1.40
2107(1)
3107(1)
1.2
B
T216B125K075CS
0.4
5.0
6.3
4
4
1.33
2108(1)
3108(1)
1.5
B
T216B155K075CS
0.6
10.0
13.0
4
4
1.06
2109(1)
3109(1)
1.8
B
T216B185K075CS
0.7
10.0
13.0
4
4
0.92
2110(1)
3110(1)
2.2
B
T216B225K075CS
0.8
15.0
19.0
4
4
0.80
2111(1)
3111(1)
2.7
B
T216B275K075BS
1.0
15.0
19.0
4
4
0.68
2112(1)
3112(1)
3.3
B
T216B335K075BS
1.2
20.0
25.0
4
4
0.62
2113(1)
3113(1)
3.9
B
T216B395K075BS
1.5
20.0
25.0
4
4
0.56
2114(1)
3114(1)
4.7
C
T216C475K075BS
3.0
60.0
75.0
4
4
0.47
2115(1)
3115(1)
5.6
C
T216C565K075BS
3.0
60.0
75.0
4
4
0.44
2116(1)
3116(1)
6.8
C
T216C685K075BS
5.0
100.0
125.0
6
6
0.44
2117(1)
3117(1)
8.2
C
T216C825K075BS
5.0
100.0
125.0
6
6
0.36
2118(1)
3118(1)
10.0
C
T216C106K075BS
5.0
100.0
125.0
6
6
0.33
2119(1)
3119(1)
12.0
D
T216D126K075BS
5.0
100.0
125.0
6
6
0.26
2120(1)
3120(1)
15.0
D
T216D156K075BS
7.0
140.0
175.0
6
6
0.23
2121(1)
3121(1)
MAX.
ESR Ω
@ 25°C,
100 kHz
KEMET T216 SERIES
µA
@ +85°
MAX.
µA
@ +125°
MAX.
DC LEAKAGE
CASE
SIZE
KEMET EQUIVALENT
PART NUMBER FOR
CSS13 CAPACITORS
75 VOLT RATING AT 85° C
MIL-PRF-39003/10 GRADED
DASH NUMBER REFERENCE
CAPACI-
TANCE
µF
FAILURE RATE LEVEL (%/1000 HRS)
% @ -85°C
+125°C MAX.
µA
@ +25°
MAX.
MIL-PRF-39003 (CSS13) CAPACITORS
MAX. DISSIPATION FACTOR
% @ -55°C
+25°C MAX.
B
C
(0.1)
(0.01)
10.0
A
T256A106K006CS
0.5
2.0
2.0
6
6
0.70
2500(1)
3500(1)
12.0
A
T256A126K006CS
0.5
2.0
2.0
6
6
0.60
2501(1)
3501(1)
100.0
B
T256B107K006CS
1.0
3.0
3.0
8
8
0.20
2502(1)
3502(1)
330.0
C
T256B107K006CS
2.0
8.0
8.0
8
8
0.065
2503(1)
3503(1)
390.0
C
T256C337K006BS
2.0
8.0
8.0
10
10
0.065
2504(1)
3504(1)
470.0
C
T256C397K006BS
2.0
8.0
8.0
10
10
0.060
2505(1)
3505(1)
680.0
D
T256D687K006CS
5.0
10.0
10.0
10
10
0.060
2506(1)
3506(1)
820.0
D
T256D827K006CS
5.0
10.0
10.0
10
10
0.055
2507(1)
3507(1)
1000.0
D
T256D108K006CS
5.0
10.0
10.0
10
10
0.050
2508(1)
3508(1)
6.8
A
T256A685K010CS
0.5
2.0
2.0
6
6
0.80
2509(1)
3509(1)
8.2
A
T256A825K010CS
0.5
2.0
2.0
6
6
0.70
2510(1)
3510(1)
47.0
B
T256B476K010CS
1.0
2.0
2.0
6
6
0.22
2511(1)
3511(1)
56.0
B
T256B566K010CS
1.0
4.0
4.0
6
6
0.20
2512(1)
3512(1)
68.0
B
T256B686K010CS
1.0
4.0
4.0
6
6
0.18
2513(1)
3513(1)
82.0
B
T256B826K010CS
1.0
4.0
4.0
6
6
0.15
2514(1)
3514(1)
220.0
C
T256C227K010BS
1.0
7.0
7.0
2
2
0.090
2515(1)
3515(1)
270.0
C
T256C277K010BS
2.0
10.0
10.0
2
2
0.075
2516(1)
3516(1)
390.0
D
T256D397K010CS
2.0
16.0
16.0
10
10
0.070
2517(1)
3517(1)
470.0
D
T256D477K010CS
4.0
16.0
16.0
10
10
0.065
2518(1)
3518(1)
560.0
D
T256D567K010CS
4.0
16.0
16.0
10
10
0.060
2519(1)
3519(1)
MIL-PRF-39003/10 GRADED
MAX.
ESR Ω
@ 25°C,
100 kHz
KEMET T256 SERIES
µA
@ +85°
MAX.
µA
@ +125°
MAX.
DC LEAKAGE
DASH NUMBER REFERENCE
KEMET EQUIVALENT
PART NUMBER FOR
CSS33 CAPACITORS
10 VOLT RATING AT 85° C
6 VOLT RATING AT 85° C
CAPACI-
TANCE
µF
FAILURE RATE LEVEL (%/1000 HRS)
% @ -85°C
+125°C MAX.
µA
@ +25°
MAX.
MIL-PRF-39003 (CSS33) CAPACITORS
MAX. DISSIPATION FACTOR
% @ -55°C
+25°C MAX.
CASE
SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com