Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B554JD Datasheet(PDF) 25 Page - Kemet Corporation

Part # CSR09B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554JD Datasheet(HTML) 25 Page - Kemet Corporation

Back Button CSR09B554JD Datasheet HTML 21Page - Kemet Corporation CSR09B554JD Datasheet HTML 22Page - Kemet Corporation CSR09B554JD Datasheet HTML 23Page - Kemet Corporation CSR09B554JD Datasheet HTML 24Page - Kemet Corporation CSR09B554JD Datasheet HTML 25Page - Kemet Corporation CSR09B554JD Datasheet HTML 26Page - Kemet Corporation CSR09B554JD Datasheet HTML 27Page - Kemet Corporation CSR09B554JD Datasheet HTML 28Page - Kemet Corporation CSR09B554JD Datasheet HTML 29Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
KEMET T140
MIL-PRF-39003 (CSR23) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
5.6
A
10, 20
T140A565(1)010AS
1.0
4
6.8
A
10
T140A685K010AS
1.0
6
0116 0216 0316 0416 2016 3016 4016 T242A685K010(2)S
6.8
A
20
T140A685M010AS
1.0
6
0117 0217 0317 0417 2017 3017 4017 T242A685M010(2)S
8.2
A
10
T140A825K010AS
1.2
6
0118 0218 0318 0418 2018 3018 4018 T242A825K010(2)S
8.2
A
20
T140A825M010AS
1.2
6
47.0
B
10
T140B476K010AS
4.0
6
0119 0219 0319 0419 2019 3019 4019 T242B476K010(2)S
47.0
B
20
T140B476M010AS
4.0
6
0120 0220 0320 0420 2020 3020 4020 T242B476M010(2)S
56.0
B
10
T140B566K010AS
5.0
6
0121 0221 0321 0421 2021 3021 4021 T242B566K010(2)S
56.0
B
20
T140B566M010AS
5.0
6
68.0
B
10
T140B686K010AS
6.0
6
0122 0222 0322 0422 2022 3022 4022 T242B686K010(2)S
68.0
B
20
T140B686M010AS
6.0
6
0123 0223 0323 0423 2023 3023 4023 T242B686M010(2)S
82.0
B
10
T140B826K010AS
7.0
6
0124 0224 0324 0424 2024 3024 4024 T242B826K010(2)S
82.0
B
20
T140B826M010AS
7.0
6
150.0
C
10, 20
T140C157(1)010AS
8.0
8
180.0
C
10, 20
T140C187(1)010AS
8.0
8
220.0
C
10
T140C227K010AS
12.0
8
0125 0225 0325 0425 2025 3025 4025 T242C227K010(2)S
220.0
C
20
T140C227M010AS
12.0
8
0126 0226 0326 0426 2026 3026 4026 T242C227M010(2)S
270.0
C
10
T140C277K010AS
13.0
8
0127 0227 0327 0427 2027 3027 4027 T242C277K010(2)S
270.0
C
20
T140C277M010AS
13.0
8
330.0
D
10, 20
T140D337(1)010AS
16.0
8
390.0
D
10
T140D397K010AS
16.0
10
0128 0228 0328 0428 2028 3028 4028 T242D397K010(2)S
390.0
D
20
T140D397M010AS
16.0
10
470.0
D
10
T140D477K010AS
16.0
10
0129 0229 0329 0429 2029 3029 4029 T242D477K010(2)S
470.0
D
20
T140D477M010AS
16.0
10
0130 0230 0330 0430 2030 3030 4030 T242D477M010(2)S
560.0
D
10
T140D567K010AS
20.0
10
0131 0231 0331 0431 2031 3031 4031 T242D567K010(2)S
560.0
D
20
T140D567M010AS
20.0
10
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
3.9
A
10, 20
T140A395(1)015AS
1.0
4
4.7
A
10
T140A475K015AS
1.0
4
0132 0232 0332 0432 2032 3032 4032 T242A475K015(2)S
4.7
A
20
T140A475M015AS
1.0
4
0133 0233 0333 0433 2033 3033 4033 T242A475M015(2)S
5.6
A
10
T140A565K015AS
1.3
4
0134 0234 0334 0434 2034 3034 4034 T242A565K015(2)S
5.6
A
20
T140A565M015AS
1.3
4
27.0
B
10, 20
T140B276(1)015AS
3.0
6
33.0
B
10
T140B336K015AS
5.0
6
0135 0235 0335 0435 2035 3035 4035 T242B336K015(2)S
33.0
B
20
T140B336M015AS
5.0
6
0136 0236 0336 0436 2036 3036 4036 T242B336M015(2)S
39.0
B
10
T140B396K015AS
5.3
6
0137 0237 0337 0437 2037 3037 4037 T242B396K015(2)S
39.0
B
20
T140B396M015AS
5.3
6
82.0
C
10, 20
T140C826(1)015AS
8.0
6
100.0
C
10, 20
T140C107(1)015AS
10.0
6
120.0
C
10, 20
T140C127(1)015AS
10.0
6
150.0
C
10
T140C157K015AS
15.0
8
0138 0238 0338 0438 2038 3038 4038 T242C157K015(2)S
150.0
C
20
T140C157M015AS
15.0
8
0139 0239 0339 0439 2039 3039 4039 T242C157M015(2)S
180.0
C
10
T140C187K015AS
15.0
8
0140 0240 0340 0440 2040 3040 4040 T242C187K015(2)S
180.0
C
20
T140C187M015AS
15.0
8
220.0
D
10
T140D227K015AS
20.0
8
0141 0241 0341 0441 2041 3041 4041 T242D227K015(2)S
220.0
D
20
T140D227M015AS
20.0
8
0142 0242 0342 0442 2042 3042 4042 T242D227M015(2)S
270.0
D
10
T140D277K015AS
20.0
8
0143 0243 0343 0443 2043 3043 4043 T242D277K015(2)S
270.0
D
20
T140D277M015AS
20.0
8
330.0
D
10
T140D337K015AS
20.0
8
0144 0244 0344 0444 2044 3044 4044 T242D337K015(2)S
330.0
D
20
T140D337M015AS
20.0
8
0145 0245 0345 0445 2045 3045 4045 T242D337M015(2)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T140 SERIES — POLAR TYPE & T242 (CSR23)
28
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/3F
EXPONENTIAL
MIL-PRF-39003/3F
GRADED
(1) To complete T140 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T242 Series Part Number, insert Failure Rate Symbol in the 13th Character.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com