Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B554JD Datasheet(PDF) 31 Page - Kemet Corporation

Part # CSR09B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554JD Datasheet(HTML) 31 Page - Kemet Corporation

Back Button CSR09B554JD Datasheet HTML 27Page - Kemet Corporation CSR09B554JD Datasheet HTML 28Page - Kemet Corporation CSR09B554JD Datasheet HTML 29Page - Kemet Corporation CSR09B554JD Datasheet HTML 30Page - Kemet Corporation CSR09B554JD Datasheet HTML 31Page - Kemet Corporation CSR09B554JD Datasheet HTML 32Page - Kemet Corporation CSR09B554JD Datasheet HTML 33Page - Kemet Corporation CSR09B554JD Datasheet HTML 34Page - Kemet Corporation CSR09B554JD Datasheet HTML 35Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T262 (CSR21) SERIES
34
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
KEMET’s T262 (CSR21) per MIL-C-39003/09 hermetically sealed
solid tantalum capacitors are similar to KEMET’s popular T212
(CSR13 per MIL-PRF-39003/01) capacitors shown on page 6, but
offer higher ripple current handling capability and exhibit exception-
ally low Equivalent Series Resistance (ESR).
The T262 Series is ideal for filtering applications and in military
power supplies where low ESR is essential. T262s are 100% surge
current tested and their dissipation factor is screened at 1kHz.
Available in C & D case sizes only, 5.6 to 330 µF, 6 to 50 VDC.
CAPACITOR OUTLINE DRAWINGS
D
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
L
C
+
DIMENSIONS — INCHES & (MILLIMETERS)
UNINSULATED
INSULATED
DLDL
BC
CASE
±0.005
±0.031
±0.010
±0.031
±0.002
MAX.
SIZE
(±.13)
(±.79)
(±.25)
(±.79)
(±.05)
C
0.279 (7.09)
0.650 (16.51)
0.289 (7.34)
0.686 (17.42)
0.025 (.64)
0.822 (20.88)
D
0.341 (8.66)
0.750 (19.05)
0.351 (8.92)
0.786 (19.96)
0.025 (.64)
0.922 (23.42)
ORDERING INFORMATION
T
262
C
106
K
050
C
S*
TANTALUM
SERIES
T262 — (CSR21)
CASE SIZE
C / D
PICOFARAD CODE
First two digits represent significant figures.
3rd digit specifies no. of zeros to follow.
CAP. TOLERANCE
M — ±20%
K — ±10%
J — ±5%
LEAD MATERIAL
S — Standard (Solder-coated nickel)
FAILURE RATE
GRADED
EXPONENTIAL
B — 0.1%/k hrs.
M — 1%/k hrs.
C — 0.01%/k hrs.
P — 0.1%/k hrs.
D — 0.001%/k hrs.
R — 0.01%/k hrs.
S — 0.001%/k hrs.
VOLTAGE RATING
At 85°C
For Military Marking Information, see page 4.
*Part Number Example: T262C106K050CS (14 digits – no spaces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com