Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF1 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ADCREF1
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF1 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ADCREF1 Datasheet HTML 11Page - ATMEL Corporation ADCREF1 Datasheet HTML 12Page - ATMEL Corporation ADCREF1 Datasheet HTML 13Page - ATMEL Corporation ADCREF1 Datasheet HTML 14Page - ATMEL Corporation ADCREF1 Datasheet HTML 15Page - ATMEL Corporation ADCREF1 Datasheet HTML 16Page - ATMEL Corporation ADCREF1 Datasheet HTML 17Page - ATMEL Corporation ADCREF1 Datasheet HTML 18Page - ATMEL Corporation ADCREF1 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
AVR32768
15
32157A-AVR-12/10
9.4 Host mode, powered from bus connection
Figure 9-3.
USB host-powering connection example schematic.
USB_VBOF
VBUS
DM
DP
USB_ID
VBUS
D-
D+
ID
GND
5.0 volt
regulator
39 Ω
39 Ω
Table 9-3.
USB host-powering connection checklist.
Signal name
Recommended pin connection
Description
USB_VBOF
GPIO connected to VBUS 5.0V
regulator enable signal
USB power control pin
VBUS
Directly to connector
USB power pin
DM
39Ω series resistor
Placed as close as possible to DM
pin
Negative differential data line
DP
39Ω series resistor
Placed as close as possible to DP
pin
Positive differential data line
USB_ID
GPIO directly connected to
connector
USB identification pin. Pull-up on GPIO pin must be enabled
9.5 USB DFU ISP entry point
The ISP is activated according to the boot process conditions described in the boot
loader document (see section 3.4). By default, the hardware condition is to maintain
pin PA14 of UC3 C at logical 0 while releasing the reset. Once the ISP is activated, it
establishes a USB connection with the connected PC. This I/O should not be used by
the application if the USB DFU boot loader is required to program the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com