Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF1 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ADCREF1
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF1 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ADCREF1 Datasheet HTML 22Page - ATMEL Corporation ADCREF1 Datasheet HTML 23Page - ATMEL Corporation ADCREF1 Datasheet HTML 24Page - ATMEL Corporation ADCREF1 Datasheet HTML 25Page - ATMEL Corporation ADCREF1 Datasheet HTML 26Page - ATMEL Corporation ADCREF1 Datasheet HTML 27Page - ATMEL Corporation ADCREF1 Datasheet HTML 28Page - ATMEL Corporation ADCREF1 Datasheet HTML 29Page - ATMEL Corporation ADCREF1 Datasheet HTML 30Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
AVR32768
32157A-AVR-12/10
Table 14-2.
Nexus port interface checklist.
Signal name
Recommended pin connection
Description
TDI
Test data input, sampled on rising TCK
TMS
Test mode select, sampled on rising TCK
TCK
Test clock, fully asynchronous to system clock frequency
TDO
Test data output, driven on falling TCK
RESET
Device external reset line
EVTI
Event input
MDO[0:5]
Trace data output
EVTO
Event output
MCK0
Trace data output clock
MSE[0:1]
Trace frame control
14.3 aWire port interface
aWire is a single-wire debug solution that offers memory access, programming
capabilities, and On-Chip Debug access. aWire can also be used as a UART when it
is not used for debugging.
A full-duplex mode can be used to increase speed, in which case data is transmitted
on a second pin, DATAOUT.
aWire uses the RESET_N pin for data in/data out. When using aWire, the board reset
circuitry must be disconnected. Refer to Figure 14-3 which demonstrates the use of
RESET_N for half-duplex mode, and Figure 14-4, where DATAOUT is added for full-
duplex communication.
Figure 14-3.
Disconnecting the reset circuitry to allow aWire use.
RESET_N
100 nF
10 kΩ
VDDIO
aWire DATA
Figure 14-4.
aWire with full-duplex communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com