Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF1 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ADCREF1
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF1 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ADCREF1 Datasheet HTML 14Page - ATMEL Corporation ADCREF1 Datasheet HTML 15Page - ATMEL Corporation ADCREF1 Datasheet HTML 16Page - ATMEL Corporation ADCREF1 Datasheet HTML 17Page - ATMEL Corporation ADCREF1 Datasheet HTML 18Page - ATMEL Corporation ADCREF1 Datasheet HTML 19Page - ATMEL Corporation ADCREF1 Datasheet HTML 20Page - ATMEL Corporation ADCREF1 Datasheet HTML 21Page - ATMEL Corporation ADCREF1 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
AVR32768
32157A-AVR-12/10
Signal name
Recommended pin connection
Description
RXD[0:1]
Receive data 2-bit
RXD[2:3]
Not used in RMII mode
RX_ER
Receive error
RX_CLK
Not used in RMII mode
TX_EN
Transmit enable
TXD[0:1]
Transmit data 2-bit
TXD[2:3]
Not used in RMII mode
TX_ER
Not used in RMII mode
10.3 Ethernet Wake-on-LAN
The MACB controller supports Ethernet Wake-on-LAN (WOL), which can be used to
wake the UC3 C core on network activity. Figure 10-3 shows an example of how the
WOL output signal can be routed to an external interrupt input.
Figure 10-3.
MACB WOL to external interrupt example schematic.
Table 10-3.
MACB WOL connection checklist.
Signal name
Recommended pin connection
Description
MACB – WOL
MACB Wake-on-LAN output
EIC - EXTINT
EIC external interrupt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com