Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF1 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ADCREF1
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF1 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ADCREF1 Datasheet HTML 18Page - ATMEL Corporation ADCREF1 Datasheet HTML 19Page - ATMEL Corporation ADCREF1 Datasheet HTML 20Page - ATMEL Corporation ADCREF1 Datasheet HTML 21Page - ATMEL Corporation ADCREF1 Datasheet HTML 22Page - ATMEL Corporation ADCREF1 Datasheet HTML 23Page - ATMEL Corporation ADCREF1 Datasheet HTML 24Page - ATMEL Corporation ADCREF1 Datasheet HTML 25Page - ATMEL Corporation ADCREF1 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
AVR32768
32157A-AVR-12/10
12 Quadrature decoder
Depending on the quadrature encoder used, pull-up resistors may or may not be
needed. Figure 12-1 shows an example of how the quadrature decoder (QDEC) can
be connected to a quadrature encoder using pull-up on the signal wires.
Figure 12-1.
Quadrature decoder example schematic.
GND
I
B
A
VCC
QEPI
QEPB
QEPA
VDD
10 kΩ
10 kΩ
10 kΩ
Optional resistors
Table 12-1.
Quadrature decoder connection checklist.
Signal name
Recommended pin connection
Description
QEPA
Quadrature encoder output A,
10kΩ
(1) pull-up
Quadrature phase signal A digital input
QEPB
Quadrature encoder output B,
10kΩ
(1) pull-up
Quadrature phase signal B digital input
QEPI
Quadrature encoder index output,
10kΩ
(1) pull-up
Quadrature index signal digital input
Note:
1. These values are given only as a typical example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com