Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF1 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ADCREF1
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF1 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ADCREF1 Datasheet HTML 13Page - ATMEL Corporation ADCREF1 Datasheet HTML 14Page - ATMEL Corporation ADCREF1 Datasheet HTML 15Page - ATMEL Corporation ADCREF1 Datasheet HTML 16Page - ATMEL Corporation ADCREF1 Datasheet HTML 17Page - ATMEL Corporation ADCREF1 Datasheet HTML 18Page - ATMEL Corporation ADCREF1 Datasheet HTML 19Page - ATMEL Corporation ADCREF1 Datasheet HTML 20Page - ATMEL Corporation ADCREF1 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AVR32768
17
32157A-AVR-12/10
Signal name
Recommended pin connection
Description
RX_ER
Receive error
RX_CLK
Receive clock, 25MHz for 100Mb/s data rate
TX_EN
Transmit enable
TXD[0:3]
Transmit data 4-bit
TX_ER
Transmit error
10.2 Ethernet interface in RMII mode
Figure 10-2.
Ethernet interface in RMII mode example schematic.
TX_CLK/REF_CLK
CRS
COL
RX_DV
RXD[0:3]
TX_ER
TXD[0:3]
TX_EN
RX_CLK
RX_ER
MDIO
MDC
X1
MDIO
MDC
CRS
RX[0:1]
RX_ER
TX_EN
TX[0:1]
Ethernet
PHY
Table 10-2.
Ethernet interface in RMII mode checklist.
Signal name
Recommended pin connection
Description
TX_CLK/
REF_CLK
Reference clock, 50MHz for 100Mb/s data rate
CRS
Not used in RMII mode
COL
Not used in RMII mode
MDIO
PHY maintenance data
MDC
PHY maintenance clock
RX_DV
Carrier sense, data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com