Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1206A0R20FSTR Datasheet(PDF) 18 Page - AVX Corporation

Part # F1206A0R20FSTR
Description  Accu-Guard, SMD Thin-Film Fuse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R20FSTR Datasheet(HTML) 18 Page - AVX Corporation

Back Button F1206A0R20FSTR Datasheet HTML 14Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 15Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 16Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 17Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 18Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 19Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 20Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 21Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 22Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Accu-Guard®
SMD Thin-Film Fuse
Correct choice of an Accu-Guard® fuse for a given applica-
tion is fairly straightforward. The factor of pre-arc I2t, howev-
er, requires clarification. The proper design for pre-arc I2t is
presented by way of example.
DESIGN PARAMETERS
1. Operating Temperature
The Accu-Guard® is specified for operation in the tempera-
ture range of -55°C to +125°C. Note, however, that fusing
current is sensitive to temperature. This means that the fuse
must be derated or uprated at circuit temperatures other
than 25°C:
2. Circuit Voltage
Maximum Voltage: Accu-Guard® is specified for circuits of
up to rated voltage. Accu-Guard® will successfully break
currents at higher voltages as well, but over voltage may
crack the fuse body.
Minimum Voltage: Accu-Guard® cannot be used in circuits
with voltage of about 0.5V and less. The internal resistance
of the fuse will limit the fault current to a value which will pre-
vent reliable actuation of the fuse (<2 x rated current).
3. Maximum Fault Current
Accu-Guard® is fully tested and specified for fault currents
up to 50A. Accu-Guard® will successfully break currents
above 50A, but such over current may crack the fuse body
or damage the fuse terminations.
4. Steady-State Current
The Accu-Guard® current rating is based on IEC Specifica-
tion 127-3. In accordance with this international standard,
Accu-Guard® is specified to operate at least 4 hours at rated
current without fusing (25°C). Engineering tests have shown
that F0805B and F1206A/B Accu-Guard® will in fact operate
at least 20,000 hours at rated current without fusing (25°C).
5. Switch-on and Other Pulse Current
Many circuits generate a large current pulse when initially
connected to power. There are also circuits which are sub-
ject to momentary current pulses due to external sources;
telephone line cards which are subject to lightning-induced
pulses are one example. These current pulses must be
passed by the fuse without causing actuation. These puls-
es may be so large that they are the determining factor for
choosing the Accu-Guard® current rating; not necessarily
steady state current.
In order to design for current pulses, the concept of fuse
pre-arc Joule integral, I2t, must be understood. Fuse current
rating is defined by the requirement that 2 x I
R will cause
actuation in <5 seconds. This rating does not indicate how
the fuse will react to very high currents of very short duration.
Rather, the fusing characteristic at very high currents is
specified by I2t-t curves (or I2t-I).
I2t expresses the amount of energy required to actuate the
fuse. Total I2t expresses the total energy which will be
passed by the fuse until total cessation of current flow.
Pre-arc I2t expresses that energy required to cause large
irreversible damage to the fuse element (Total I2t = pre-arc I2t
+ arc I2t). If the Joule integral of the switch-on pulse is
larger than the fuse pre-arc I2t, nuisance actuation will occur.
In order to choose the proper Accu-Guard® current rating for
a given application, it is necessary to calculate the I2t Joule
integral of the circuit switch-on and other current pulses and
compare them to the Accu-Guard® I2t-t curves. An Accu-
Guard® fuse must be chosen such that the pulse I2t is no
more than 50% of the pre-arc I2t of the prospective fuse.
Pre-arc I2t of the Accu-Guard® fuses is well characterized;
I2t-t and I2t-I graphs are in this catalog. The problem is cal-
culating the I2t of the circuit current pulses. This concept is
not familiar to most engineers. Correct calculation of pulse
Joule integral and subsequent choice of Accu-Guard®
current rating is illustrated by way of the attached examples.
HOW TO CHOOSE THE CORRECT ACCU-GUARD® FUSE
FOR CIRCUIT PROTECTION
Environmental
Accu-Guard®
Temperature
Current Carrying Capacity*
F0402E,
F0805B, F1206A,
F0805B 2.50A
F0603C
F0612D
F0603E
F1206B
& 3.00A
-55°C to -11°C
1.07 x I
R
1.07 x I
R
1.07 x I
R
1.07 x I
R
1.07 x I
R
-10°C to 60°C
I
R
I
R
I
R
I
R
I
R
61°C to 100°C
0.85 x I
R
0.93 x I
R
0.90 x I
R
0.90 x I
R
0.80 x I
R
101°C to 125°C
0.80 x I
R
0.90 x I
R
0.90 x I
R
0.75 x I
R
0.75 x I
R
*As a function of nominal rated current, I
R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com