Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1206A0R20FSTR Datasheet(PDF) 14 Page - AVX Corporation

Part # F1206A0R20FSTR
Description  Accu-Guard, SMD Thin-Film Fuse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R20FSTR Datasheet(HTML) 14 Page - AVX Corporation

Back Button F1206A0R20FSTR Datasheet HTML 10Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 11Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 12Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 13Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 14Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 15Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 16Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 17Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 18Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Accu-Guard® II
SMD Thin-Film Fuse
10-1
1
10
100
1000
Current, Amp
10-2
10-3
10-4
10-5
50
40
30
20
10
0
60
5.00A
4.00A
FUSE PRE-ARC JOULE INTEGRALS
VS. CURRENT FOR TYPE F0612D (TYPICAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com