Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1206A0R20FSTR Datasheet(PDF) 21 Page - AVX Corporation

Part # F1206A0R20FSTR
Description  Accu-Guard, SMD Thin-Film Fuse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R20FSTR Datasheet(HTML) 21 Page - AVX Corporation

Back Button F1206A0R20FSTR Datasheet HTML 15Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 16Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 17Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 18Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 19Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 20Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 21Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 22Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 23Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Fig. 6b. Choice of 0.75A fuse, example #6.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample switch-on pulse
Fig. 5b. Choice of fuse, example #5.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample switch-on pulse
Accu-Guard®
SMD Thin-Film Fuse
6. Switch-on pulse and steady-state current
In Figure 6a, the switch-on pulse is a triangle pulse with a
5.1 x 10-3 A2sec Joule integral of 5 msec duration; the 0.75A
fuse will meet this requirement, see Figure 6b.
5. Complex current pulse
If the pulse consists of several waveforms, all of them should
be evaluated separately, and then the total Joule integral
should be calculated as well.
2 msec/div
0.5A/div
Fig. 6a. Switch-on pulse and steady-state current,
example #6.
200
μsec/div
2A/div
Fig. 5a. Complex pulse, example #5.
0.75A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x x
X
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
The
Joule
integral
for
the
second
triangle
is
[(5.33A)2 x 269 x 10-6sec]/3 = 2.55 x 10-3 A2sec, and
0.75A fuse is suitable for this case also, see Figure 5b.
However, for the whole pulse, the Joule integral is
4.7 x 10-3 A2sec, and the total duration is 563 μsec. For the
0.75A fuse, the Joule integral is only 8.6 x 10-3 A2sec for this
pulse duration, so the 1A fuse should be chosen for this
application, see Figure 5b.
In Figure 5a, the Joule integral for the first triangle is
[(4.67A)2 x 294 x 10-6sec]/3=2.14 x 10-3 A2sec
and 0.75A fuse should meet this condition, see Figure 5b.
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
0.75A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x
X
The steady-state current is 0.5A, and 1A fuse is typically rec-
ommended to meet the steady-state condition. Based on
steady-state current, the 1A fuse should be chosen for this
application.
DESIGNING FOR CURRENT PULSE SITUATIONS (CONT.)
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com