Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1206A0R20FSTR Datasheet(PDF) 20 Page - AVX Corporation

Part # F1206A0R20FSTR
Description  Accu-Guard, SMD Thin-Film Fuse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R20FSTR Datasheet(HTML) 20 Page - AVX Corporation

Back Button F1206A0R20FSTR Datasheet HTML 15Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 16Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 17Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 18Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 19Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 20Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 21Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 22Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 23Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Accu-Guard®
SMD Thin-Film Fuse
Thus, for current pulse in Figure 3b, the Joule integral is:
{(0.56A)2+0.56A x (1A-0.56A)+
[(1A-0.56A)2]} x 3 x 10-3s = 1.9 x 10-3A2sec.
Fig. 3a. Trapezoidal pulse parameters for Joule
integral calculation, example #3.
4. Lightning strike
A lightning strike pulse is shown in Figure 4a. After an initial
linear rise, the current declines exponentially.
3. Trapezoidal current pulse
The Joule integral for a trapezoidal pulse is
[(Imin.)2 + Imin. x (Imax. - Imin.) + (Imax-Imin)2] x t,
3
see Fig. 3a.
t
l min.
l max.
0.5 msec/div
0.5A/div
Fig. 3b. Trapezoidal pulse, example #3.
According to the I2t graph on page 6, the 0.5A fuse should
be chosen for this application, see Figure 3c.
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
0.50A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x
Fig. 3c. Choice of 0.5A fuse, example #3.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample switch-on pulse
X
X
DESIGNING FOR CURRENT PULSE SITUATIONS (CONT.)
Joule integral for the linear current rise is calculated as for a
triangular pulse, see example #2.
The Joule integral for the exponential decline is
I
max.
2 x t
0.5 x (-1/2In 0.5) = 0.72Imax.2 x t0.5
Thus, for the sample lightning strike pulse in Figure 4b, the
total Joule integral is:
(25A)2 x 2 x 10-6sec/3+0.72 x (25A)2 x 10 x 10-6sec = 4.92 x 10-3A2sec.
t0.5
0.51 max.
l max.
Fig. 4a. Lightning pulse parameters for Joule
integral calculation, example #4.
10
μsec/div
5A/div
Fig. 4b. Lightning strike pulse, example #4.
For practical calculations, the duration of exponential decline
may be assumed to be 3t
0.5, because within this time 98.5%
of the pulse energy is released. Thus, the total pulse duration
in this example is 30 μsec, and the 1.25A fuse should be
chosen for this application, see Figure 4c.
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
Fig. 4c. Choice of 0.5A fuse, example #4.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample switch-on pulse
1.25A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com