Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1206A0R20FSTR Datasheet(PDF) 15 Page - AVX Corporation

Part # F1206A0R20FSTR
Description  Accu-Guard, SMD Thin-Film Fuse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R20FSTR Datasheet(HTML) 15 Page - AVX Corporation

Back Button F1206A0R20FSTR Datasheet HTML 11Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 12Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 13Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 14Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 15Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 16Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 17Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 18Page - AVX Corporation F1206A0R20FSTR Datasheet HTML 19Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
28
Accu-Guard®
SMD Thin-Film Fuse
QUALITY & RELIABILITY
Accu-Guard® series of fuses is based on established
thin-film technology and materials used in the semiconduc-
tor industry.
• In-line Process Control: This program forms an integral
part of the production cycle and acts as a feedback sys-
tem to regulate and control production processes. The
test procedures, which are integrated into the production
process, were developed after long research and are
based on the highly developed semiconductor industry
test procedures and equipment. These measures help
AVX/Kyocera to produce a consistent and high yield line
of products.
• Final Quality Inspection: Finished parts are tested for
standard electrical parameters and visual/mechanical
characteristics. Each production lot is 100% evaluated for
electrical resistance. In addition, each production lot is
evaluated on a sample basis for:
• Insulation resistance (post fusing)
• Blow time for 2 x rated current
• Endurance test: 125°C, rated current, 4 hours
HANDLING AND SOLDERING
SMD chips should be handled with care to avoid damage
or contamination from perspiration and skin oils. The use
of plastic tipped tweezers or vacuum pick-ups is strongly
recommended for individual components. Bulk handling
should ensure that abrasion and mechanical shock are
minimized. For automatic equipment, taped and reeled
product is the ideal medium for direct presentation to the
placement machine.
CIRCUIT BOARD TYPE
All
flexible
types
of
circuit
boards
may
be
used
(e.g. FR-4, G-10).
For other circuit board materials, please consult factory.
COMPONENT PAD DESIGN
Component pads must be designed to achieve good joints
and minimize component movement during soldering.
Pad designs are given below for both wave and reflow
soldering.
The basis of these designs are:
a. Pad width equal to component width. It is permissible to
decrease this to as low as 85% of component width but
it is not advisable to go below this.
b. Pad overlap 0.5mm.
c. Pad extension 0.5mm for reflow. Pad extension about
1.0mm for wave soldering.
PREHEAT & SOLDERING
The rate of preheat in production should not exceed
4°C/second. It is recommended not to exceed 2°C/
second.
Temperature differential from preheat to soldering should
not exceed 150°C.
For further specific application or process advice, please
consult AVX.
HAND SOLDERING & REWORK
Hand soldering is permissible. Preheat of the PCB to 100°C
is required. The most preferable technique is to use hot air
soldering tools. Where a soldering iron is used, a tempera-
ture controlled model not exceeding 30 watts should be
used and set to not more than 260°C. Maximum allowed
time at temperature is 1 minute.
COOLING
After soldering, the assembly should preferably be allowed
to cool naturally. In the event of assisted cooling, similar
conditions to those recommended for preheating should
be used.
REFLOW SOLDERING
Dimensions: millimeters (inches)
0.8
(0.031)
2.3
(0.091)
0.6
(0.024)
0.85
(0.033)
0.85
(0.033)
3.0
(0.118)
1.25
(0.049)
1.0
(0.039)
1.0
(0.039)
1.0
(0.039)
1.0
(0.039)
1.0
(0.039)
2.0
(0.079)
4.0
(0.157)
1.6
(0.063)
WAVE SOLDERING
Dimensions: millimeters (inches)
3.1
(0.122)
0.8
(0.031)
0.6
(0.024)
1.25
(0.049)
1.25
(0.049)
1.5
(0.059)
1.5
(0.059)
1.0
(0.039)
4.0
(0.157)
1.25
(0.049)
1.5
(0.059)
1.5
(0.059)
2.0
(0.079)
5.0
(0.197)
1.6
(0.063)
1.25
(0.049)
0.6 (0.024)
1.25
(0.049)
3.1
(0.122)
3.1
(0.122)
0.85
(0.033)
0.6 (0.024)
0.85
(0.033)
2.3
(0.091)
3.1
(0.122)
1206
0612
0805
0603
0402
0402
1206
0612
0805
0603
0.8
(0.031)
0.8
(0.031)
0.5
(0.020)
2.1
(0.083)
0.59
(0.023)
0.6
(0.024)
0.6
(0.024)
0.5
(0.020)
1.7
(0.068)
0.59
(0.023)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com