Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T66 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T66
Description  Serial access real-time clock with alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 9Page - STMicroelectronics M41T66 Datasheet HTML 10Page - STMicroelectronics M41T66 Datasheet HTML 11Page - STMicroelectronics M41T66 Datasheet HTML 12Page - STMicroelectronics M41T66 Datasheet HTML 13Page - STMicroelectronics M41T66 Datasheet HTML 14Page - STMicroelectronics M41T66 Datasheet HTML 15Page - STMicroelectronics M41T66 Datasheet HTML 16Page - STMicroelectronics M41T66 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
M41T66
Clock operation
13/33
3
Clock operation
The M41T66 is driven by a quartz-controlled oscillator with a nominal frequency of
32.768 kHz. The accuracy of the real-time clock depends on the frequency of the quartz
crystal that is used as the time-base for the RTC.
The eight byte clock register (see Table 2: M41T66 register map) is used to both set the
clock and to read the date and time from the clock, in a binary coded decimal format.
tenths/hundredths of seconds, seconds, minutes, and hours are contained within the first
four registers.
A WRITE to any clock register will result in the tenths/hundredths of seconds being reset to
“00,” and tenths/hundredths of seconds cannot be written to any value other than “00.”
Bits D0 through D2 of register 04h contain the day (day of week). Registers 05h, 06h, and
07h contain the date (day of month), month, and years. The ninth clock register is the
calibration register (this is described in the clock calibration section). Bit D7 of register 01h
contains the STOP bit (ST). Setting this bit to a '1' will cause the oscillator to stop. When
reset to a '0' the oscillator restarts within one second (typical).
Bit D7 of register 02h (minute register) contains the oscillator fail interrupt enable bit (OFIE).
When the user sets this bit to '1,' any condition which sets the oscillator fail bit (OF) (see
Oscillator stop detection on page 21) will also generate an interrupt output.
Bits D6 and D7 of clock register 06h (century/month register) contain the CENTURY bit 0
(CB0) and CENTURY bit 1 (CB1).
A WRITE to ANY location within the first eight bytes of the clock register (00h-07h),
including the OFIE bit, RS0-RS3 bit, and CB0-CB1 bits will result in an update of the system
clock and a reset of the divider chain. This could result in an inadvertent change of the
current time. These non-clock related bits should be written prior to setting the clock, and
remain unchanged until such time as a new clock time is also written.
The eight clock registers may be read one byte at a time, or in a sequential block. Provision
has been made to assure that a clock update does not occur while any of the eight clock
addresses are being read. If a clock address is being read, an update of the clock registers
will be halted. This will prevent a transition of data during the READ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com