Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T66 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41T66
Description  Serial access real-time clock with alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 21Page - STMicroelectronics M41T66 Datasheet HTML 22Page - STMicroelectronics M41T66 Datasheet HTML 23Page - STMicroelectronics M41T66 Datasheet HTML 24Page - STMicroelectronics M41T66 Datasheet HTML 25Page - STMicroelectronics M41T66 Datasheet HTML 26Page - STMicroelectronics M41T66 Datasheet HTML 27Page - STMicroelectronics M41T66 Datasheet HTML 28Page - STMicroelectronics M41T66 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
M41T66
DC and AC parameters
25/33
Table 9.
Capacitance
Symbol
Parameter(1)(2)
Min
Max
Unit
CIN
Input capacitance
7
pF
COUT
(3)
Output capacitance
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns
1.
Effective capacitance measured with power supply at 3.6 V; sampled only, not 100% tested.
2.
At 25°C, f = 1 MHz.
3.
Outputs deselected.
Table 10.
DC characteristics
Sym
Parameter
Test condition(1)
Min
Typ
Max
Unit
VCC
(2)
Operating voltage
Clock
0°C to 85°C
1.0
4.4
V
–20°C to 85°C
1.3
4.4
V
–40°C to 85°C
1.5
4.4
V
I2C bus (400 kHz)
1.3
4.4
V
ICC1
Supply current
SCL = 400 kHz
(no load)
4.4 V
100
µA
3.6 V
50
70
µA
3.0 V
35
µA
2.5 V
30
µA
2.0 V
20
µA
ICC2
Supply current (standby)
SCL = 0 Hz
all inputs
≥ VCC – 0.2 V
≤ VSS + 0.2 V
SQW off
4.4 V
1100
nA
3.6 V
550
900
nA
3.0 V at 25°C
525
nA
1.8 V at 25°C
450
nA
VIL
Input low voltage
–0.2
0.3 VCC
V
VIH
Input high voltage
0.7VCC
VCC+0.3
V
VOL
Output low voltage
VCC = 4.4 V, IOL = 1.0 mA
(SQW, IRQ/OUT)
0.4
V
VPU
Pull-up supply voltage
(open drain)
IRQ/OUT
4.4
V
SQW
VCC
V
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
Square wave duty cycle(3)
No load
40
50
60
%
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 1.5 V to 4.4 V (except where noted).
2.
Oscillator startup guaranteed at 1.6 V only at 25°C.
3.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com