Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T66 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T66
Description  Serial access real-time clock with alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 14Page - STMicroelectronics M41T66 Datasheet HTML 15Page - STMicroelectronics M41T66 Datasheet HTML 16Page - STMicroelectronics M41T66 Datasheet HTML 17Page - STMicroelectronics M41T66 Datasheet HTML 18Page - STMicroelectronics M41T66 Datasheet HTML 19Page - STMicroelectronics M41T66 Datasheet HTML 20Page - STMicroelectronics M41T66 Datasheet HTML 21Page - STMicroelectronics M41T66 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Clock operation
M41T66
18/33
3.3
Setting alarm clock registers
Address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go
off at a prescribed time on a specific month, date, hour, minute, or second, or repeat every
year, month, day, hour, minute, or second. Bits RPT5–RPT1 put the alarm in the repeat
mode of operation. Table 3 shows the possible configurations. Codes not listed in the table
default to the once per second mode to quickly alert the user of an incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5–RPT1, the AF (alarm flag) is set. If AFE (alarm flag enable) is also set, the
alarm condition activates the IRQ/OUT. To disable the alarm, write '0' to the alarm date
register and to RPT5–RPT1.
Note:
If the address pointer is allowed to increment to the flag register address, an alarm condition
will not cause the interrupt/flag to occur until the address pointer is moved to a different
address. It should also be noted that if the last address written is the “alarm seconds,” the
address pointer will increment to the flag address, causing this situation to occur.
The IRQ/OUT output is cleared by a READ to the flags register as shown in Figure 13. A
subsequent READ of the flags register is necessary to see that the value of the alarm flag
has been reset to '0.'
Figure 13.
Alarm interrupt reset waveform
Table 3.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com