Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T66 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T66
Description  Serial access real-time clock with alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 15Page - STMicroelectronics M41T66 Datasheet HTML 16Page - STMicroelectronics M41T66 Datasheet HTML 17Page - STMicroelectronics M41T66 Datasheet HTML 18Page - STMicroelectronics M41T66 Datasheet HTML 19Page - STMicroelectronics M41T66 Datasheet HTML 20Page - STMicroelectronics M41T66 Datasheet HTML 21Page - STMicroelectronics M41T66 Datasheet HTML 22Page - STMicroelectronics M41T66 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
M41T66
Clock operation
19/33
3.4
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the Watchdog
Register, address 09h.
Bits BMB4-BMB0 store a binary multiplier and the three bits RB2-RB0 select the resolution
where:
000=1/16 second (16Hz)
001=1/4 second (4Hz)
010=1 second (1Hz)
011=4 seconds (1/4Hz) and
100 = 1 minute (1/60Hz)
Note:
Invalid combinations (101, 110, and 111) will NOT enable a watchdog time-out. Setting the
BMB4-BMB0 = 0 with any combination of RB2-RB0, other than 000, will result in an
immediate watchdog time-out.
The amount of time-out is then determined to be the multiplication of the five-bit multiplier
value with the resolution. (For example: writing 00001110 in the watchdog register = 3*1 or 3
seconds). If the processor does not reset the timer within the specified period, the M41T66
sets the WDF (watchdog flag) and generates an interrupt on the IRQ/OUTpin. The
watchdog timer can only be reset by having the microprocessor perform a WRITE of the
watchdog register. The time-out period then starts over.
Should the watchdog timer time-out, any value may be written to the watchdog register in
order to clear the IRQ/OUT pin. A value of 00h will disable the watchdog function until it is
again programmed to a new value. A READ of the flags register will reset the watchdog flag
(bit D7; register 0Fh). The watchdog function is automatically disabled upon power-up, and
the watchdog register is cleared.
Note:
A WRITE to any clock register will restart the watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com