Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T66 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T66
Description  Serial access real-time clock with alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T66 Datasheet HTML 10Page - STMicroelectronics M41T66 Datasheet HTML 11Page - STMicroelectronics M41T66 Datasheet HTML 12Page - STMicroelectronics M41T66 Datasheet HTML 13Page - STMicroelectronics M41T66 Datasheet HTML 14Page - STMicroelectronics M41T66 Datasheet HTML 15Page - STMicroelectronics M41T66 Datasheet HTML 16Page - STMicroelectronics M41T66 Datasheet HTML 17Page - STMicroelectronics M41T66 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Clock operation
M41T66
14/33
3.1
TIMEKEEPER® registers
The M41T66 offers 16 internal registers which contain clock, calibration, alarm, watchdog,
flags, and square wave. The clock registers are memory locations which contain external
(user accessible) and internal copies of the data (usually referred to as BiPORT™
TIMEKEEPER cells). The external copies are independent of internal functions except that
they are updated periodically by the simultaneous transfer of the incremented internal copy.
The internal divider (or clock) chain will be reset upon the completion of a WRITE to any
clock address (00h to 07h).
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 07h). The update will resume either due to a stop condition or when
the pointer increments to a non-clock address.
TIMEKEEPER and alarm registers store data in BCD format. calibration, watchdog, and
square wave bits are written in a binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com