Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T201Y Datasheet HTML 2Page - STMicroelectronics M48T201Y Datasheet HTML 3Page - STMicroelectronics M48T201Y Datasheet HTML 4Page - STMicroelectronics M48T201Y Datasheet HTML 5Page - STMicroelectronics M48T201Y Datasheet HTML 6Page - STMicroelectronics M48T201Y Datasheet HTML 7Page - STMicroelectronics M48T201Y Datasheet HTML 8Page - STMicroelectronics M48T201Y Datasheet HTML 9Page - STMicroelectronics M48T201Y Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Description
M48T201Y, M48T201V
6/37
1
Description
The M48T201Y/V are self-contained devices that include a real time clock (RTC),
programmable alarms, a watchdog timer, and a square wave output which provides control
of up to 512 K x 8 of external low-power static RAM. Access to all RTC functions and the
external RAM is the same as conventional bytewide SRAM. The 16 TIMEKEEPER®
registers offer year, month, date, day, hour, minute, second, calibration, alarm, century,
watchdog, and square wave output data. Externally attached static RAMs are controlled by
the M48T201Y/V via the GCON and ECON signals.
The 44-pin, 330 mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery and crystal. The
unique design allows the SNAPHAT battery package to be mounted on top of the SOIC
package after the completion of the surface mount process.
Insertion of the SNAPHAT housing after reflow prevents potential battery damage due to the
high temperatures required for device surface-mounting. The SNAPHAT housing is keyed to
prevent reverse insertion. The SOIC and battery packages are shipped separately in plastic
anti-static tubes or in tape & reel form. For the 44-lead SOIC, the battery/crystal package
(e.g., SNAPHAT) part number is “M4Txx-BR12SH” (see Table 19 on page 34).
Caution:
Do not place the SNAPHAT battery/crystal top in conductive foam as this will drain the
lithium button-cell battery.
Figure 1.
Logic diagram
AI02240
19
A0-A18
WDI
DQ0-DQ7
VCC
M48T201Y
M48T201V
G
VSS
8
E
ECON
GCON
W
RSTIN2
RSTIN1
RST
IRQ/FT
VOUT
SQW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com