Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201Y Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T201Y Datasheet HTML 15Page - STMicroelectronics M48T201Y Datasheet HTML 16Page - STMicroelectronics M48T201Y Datasheet HTML 17Page - STMicroelectronics M48T201Y Datasheet HTML 18Page - STMicroelectronics M48T201Y Datasheet HTML 19Page - STMicroelectronics M48T201Y Datasheet HTML 20Page - STMicroelectronics M48T201Y Datasheet HTML 21Page - STMicroelectronics M48T201Y Datasheet HTML 22Page - STMicroelectronics M48T201Y Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
M48T201Y, M48T201V
Clock operation
19/37
3.5
Setting the alarm clock
Registers 7FFF6h-7FFF2h contain the alarm settings. The alarm can be configured to go off
at a prescribed time on a specific month, day of month, hour, minute, or second or repeat
every month, day of month, hour, minute, or second.
It can also be programmed to go off while the M48T201Y/V is in the battery backup to serve
as a system wake-up call.
Bits RPT5-RPT1 put the alarm in the repeat mode of operation. Table 6 shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly
alert the user of an incorrect alarm setting.
Note:
User must transition address (or toggle chip enable) to see flag bit change.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5-RPT1, the AF (alarm flag) is set. If AFE (alarm flag enable) is also set, the
alarm condition activates the IRQ/FT pin. To disable alarm, write ’0’ to the alarm-date
register and RPT1-5. The IRQ/FT output is cleared by a READ to the flags register as
shown in Figure 7. A subsequent READ of the flags register is necessary to see that the
value of the alarm flag has been reset to '0.'
The IRQ/FT pin can also be activated in the battery backup mode. The IRQ/FT will go low if
an alarm occurs and both ABE (alarm in battery backup mode enable) and AFE are set. The
ABE and AFE bits are reset during power-up, therefore an alarm generated during power-up
will only set AF. The user can read the flag register at system boot-up to determine if an
alarm was generated while the M48T201Y/V was in the deselect mode during power-up.
Figure 8 on page 20 illustrates the backup mode alarm timing.
Figure 7.
Alarm interrupt reset waveforms
Table 6.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year
AI02331
A0-A18
ACTIVE FLAG BIT
ADDRESS 7FFF0h
IRQ/FT
15ns Min
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com