Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201Y Datasheet(PDF) 25 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M48T201Y Datasheet HTML 21Page - STMicroelectronics M48T201Y Datasheet HTML 22Page - STMicroelectronics M48T201Y Datasheet HTML 23Page - STMicroelectronics M48T201Y Datasheet HTML 24Page - STMicroelectronics M48T201Y Datasheet HTML 25Page - STMicroelectronics M48T201Y Datasheet HTML 26Page - STMicroelectronics M48T201Y Datasheet HTML 27Page - STMicroelectronics M48T201Y Datasheet HTML 28Page - STMicroelectronics M48T201Y Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
M48T201Y, M48T201V
Clock operation
25/37
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied. In order to insure data integrity during subsequent periods of
battery backup mode, the battery should be replaced. The SNAPHAT® top may be replaced
while VCC is applied to the device.
Note:
This will cause the clock to lose time during the interval the battery/crystal is removed.
The M48T201Y/V only monitors the battery when a nominal VCC is applied to the device.
Thus applications which require extensive durations in the battery backup mode should be
powered-up periodically (at least once every few months) in order for this technique to be
beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon
power-up via a checksum or other technique.
3.12
Initial power-on defaults
Upon application of power to the device, the following register bits are set to a '0' state:
WDS; BMB0-BMB4; RB0-RB1; AFE; ABE; SQWE; W; R; FT (see Table 9).
Table 9.
Default values
Condition
W
R
FT
AFE
ABE
SQWE
Watchdog
register(1)
1.
WDS, BMB0-BMB4, RB0, RB1.
Initial power-up
(Battery attach for
SNAPHAT)(2)
2.
State of other control bits undefined.
000
000
0
RESET(3)
3.
State of other control bits remains unchanged.
000
000
0
Power-down(4)
4.
Assuming these bits set to '1' prior to power-down.
000
111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com