Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201Y Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48T201Y Datasheet HTML 11Page - STMicroelectronics M48T201Y Datasheet HTML 12Page - STMicroelectronics M48T201Y Datasheet HTML 13Page - STMicroelectronics M48T201Y Datasheet HTML 14Page - STMicroelectronics M48T201Y Datasheet HTML 15Page - STMicroelectronics M48T201Y Datasheet HTML 16Page - STMicroelectronics M48T201Y Datasheet HTML 17Page - STMicroelectronics M48T201Y Datasheet HTML 18Page - STMicroelectronics M48T201Y Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
M48T201Y, M48T201V
Operation
15/37
Table 4.
Write mode AC characteristics
2.4
Data retention mode
With valid VCC applied, the M48T201Y/V can be accessed as described above with READ
or WRITE cycles. Should the supply voltage decay, the M48T201Y/V will automatically
deselect, write protecting itself (and any external SRAM) when VCC falls between VPFD
(max) and VPFD (min). This is accomplished by internally inhibiting access to the clock
registers via the E signal. At this time, the reset pin (RST) is driven active and will remain
active until VCC returns to nominal levels. External RAM access is inhibited in a similar
manner by forcing ECON to a high level. This level is within 0.2 V of the VBAT. ECON will
remain at this level as long as VCC remains at an out-of-tolerance condition. When VCC falls
below the level of the battery (VBAT), power input is switched from the VCC pin to the
SNAPHAT® battery and the clock registers are maintained from the attached battery supply.
External RAM is also powered by the SNAPHAT battery. All outputs except GCON, ECON,
RST, IRQ/FT and VOUT, become high impedance. The VOUT pin is capable of supplying
100 µA of current to the attached memory with less than 0.3 V drop under this condition. On
power up, when VCC returns to a nominal value, write protection continues for 200 ms (max)
by inhibiting ECON. The RST signal also remains active during this time (see Figure 14 on
page 30).
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where
noted).
M48T201Y
M48T201V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
WRITE cycle time
70
85
ns
tAVWL
Address valid to WRITE enable low
0
0
ns
tAVEL
Address valid to chip enable low
0
0
ns
tWLWH
WRITE enable pulse width
45
55
ns
tELEH
Chip enable low to chip enable high
50
60
ns
tWHAX
WRITE enable high to address transition
0
0
ns
tEHAX
Chip enable high to address transition
0
0
ns
tDVWH
Input valid to WRITE enable high
25
30
ns
tDVEH
Input valid to chip enable high
25
30
ns
tWHDX
WRITE enable high to input transition
0
0
ns
tEHDX
Chip enable high to input transition
0
0
ns
tWLQZ
(2)(3)
2.
CL = 5 pF
3.
If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
WRITE enable low to output High-Z
20
25
ns
tAVWH
Address valid to WRITE enable high
55
65
ns
tAVEH
Address valid to chip enable high
55
65
ns
tWHQX
(2)(3)
WRITE enable high to output transition
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com