Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201Y Datasheet(PDF) 34 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M48T201Y Datasheet HTML 29Page - STMicroelectronics M48T201Y Datasheet HTML 30Page - STMicroelectronics M48T201Y Datasheet HTML 31Page - STMicroelectronics M48T201Y Datasheet HTML 32Page - STMicroelectronics M48T201Y Datasheet HTML 33Page - STMicroelectronics M48T201Y Datasheet HTML 34Page - STMicroelectronics M48T201Y Datasheet HTML 35Page - STMicroelectronics M48T201Y Datasheet HTML 36Page - STMicroelectronics M48T201Y Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Part numbering
M48T201Y, M48T201V
34/37
7
Part numbering
Table 18.
Ordering information scheme
Caution:
Do not place the SNAPHAT battery package “M4Txx-BR12SH” in conductive foam as it will
drain the lithium button-cell battery.
For a list of available options (e.g., speed, package) or for further information on any aspect
of this device, please contact the ST sales office nearest to you.
Table 19.
SNAPHAT® battery table
Example:
M48T
201Y
–70
MH
1
F
Device type
M48T
Supply and write protect voltage
201Y = VCC = 4.5 to 5.5 V; VPFD = 4.1 V to 4.5 V
201V = VCC = 3.0 to 3.6 V; VPFD = 2.7 V to 3.0 V
Speed
–70 = 70 ns (for M48T201Y)
–85 = 85 ns (for M48T201V)
Package
MH(1) = SOH44
1.
The SOIC package (SOH44) requires the battery package (SNAPHAT®) which is ordered separately
under the part number “M4Txx-BR12SH” in plastic tube or “M4Txx-BR12SHTR” in tape & reel form.
Temperature range
1 = 0 to 70°C
Shipping method for SOIC
blank = tubes (not for new design - use E)
E = ECOPACK® package, tubes
F = ECOPACK® package, tape and reel
TR = tape and reel (not for new design - use F)
Part number
Description
Package
M4T28-BR12SH
Lithium battery (48mAh) SNAPHAT
®
SH
M4T32-BR12SH
Lithium battery (120mAh) SNAPHAT
®
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com