Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR150 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # HR150
Description  -40째C to 85째C operation Transient protection 50 V for 50 ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR150 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  HR150 Datasheet HTML 1Page - Interpoint Corporation Company HR150 Datasheet HTML 2Page - Interpoint Corporation Company HR150 Datasheet HTML 3Page - Interpoint Corporation Company HR150 Datasheet HTML 4Page - Interpoint Corporation Company HR150 Datasheet HTML 5Page - Interpoint Corporation Company HR150 Datasheet HTML 6Page - Interpoint Corporation Company HR150 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
recommended operating conditions
typical characteristics
inhibit
absolute maximum ratings
input Voltage
•18to36VDC
output power
•15watts(HR151-2812&HR151-2815,20watts)
Lead soldering temperature (10 sec)
•300°C
storage temperature range (case)
•–55°Cto+125°C
output Voltage temperature coefficient
•150ppm/°C,typical
input to output capacitance
•60pF,typical
isolation
•100megohmminimumat500V
conversion Frequency
•250kHz
inhibit pin Voltage (unit enabled)
•11to13VHR15X-28XXmodels
Line regulation
•0.1%typical,0.2%maximum
Load regulation
•0.2%typical,0.4%maximum
input Voltage range
•18to36VDCcontinuous
•50V/50mstransient
case operating temperature (tc)
•–40°Cto+85°Cfullpower
•–40°Cto+105°Cabsolute
derating output power/current
•Linearlyfrom100%at85°Cto0%at105°C
for HR151 and HR152 models
•Linearlyfrom100%at85°Cto0%at115°C
for HR153 models
inhibit ttL open collector
•Logiclow(outputdisabled)
Inhibit pin current 1 mA typical
Inhibited input current 8 mA typical
•Referencedtoinputcommon
•Logichigh(outputenabled)
Open collector
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
sIngLeOUTPUTmODeLs,28VIn
HR151-2805
HR151-2812
HR151-2815
unitS
PaRameteR
conDitionS
min
tyP
maX min tyP maX min
tyP
maX
outPut Voltage
4.90
5.0
5.05 11.88 12 12.12 14.85 15 15.15
VDC
outPut cuRRent
—
—
3.0 —
—
1.667 —
—
1.333
A
outPut PoweR
—
—
15 —
—
20 —
—
20
W
outPut RiPPle
0 to 1 mHz
—
30
60 —
40
80 —
40
80
mV p-p
inPut Voltage
continuouS
18
28
36
—
—
50
18
28
36
—
—
50
18
28
36
—
—
50
VDC
V
tRanSient
50 ms
inPut cuRRent
no loaD
—
—
20 —
—
30 —
—
30
mA
inPut RiPPle cuRRent
0 to 2 mHz
—
25
50 —
25
50 —
25
50
mA p-p
efficiency
75
81
— 76
82
— 77
83
—
%
HR150
SERIES
20 WATT
Dc/Dc conVeRteRS
Page 2 of 7
HR150 Rev E 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com