Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR150 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # HR150
Description  -40째C to 85째C operation Transient protection 50 V for 50 ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR150 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  HR150 Datasheet HTML 1Page - Interpoint Corporation Company HR150 Datasheet HTML 2Page - Interpoint Corporation Company HR150 Datasheet HTML 3Page - Interpoint Corporation Company HR150 Datasheet HTML 4Page - Interpoint Corporation Company HR150 Datasheet HTML 5Page - Interpoint Corporation Company HR150 Datasheet HTML 6Page - Interpoint Corporation Company HR150 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.000
0.173
(4.39)
1.173
(29.79)
0.040 dia.
(1.02)
BOTTOM VIEW CASE F4
Solder Seal
Solder Tip-off
10
9
8
7
6
1
2
3
4
5
Squared corner and dot on top
of case indicate pin one.
Seal hole: 0.083 ±0.003 (2.11 ±0.08)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Tin
Cover
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy, compression glass seal or ceramic seal
Case F4, Rev C, 20060802
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
1.350 max (4.39)
figuRe 3: caSe f4 – HR153
HR150
SERIES
20 WATT
Dc/Dc conVeRteRS
Page 5 of 7
HR150 Rev E 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com