Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR150 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # HR150
Description  -40째C to 85째C operation Transient protection 50 V for 50 ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR150 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  HR150 Datasheet HTML 1Page - Interpoint Corporation Company HR150 Datasheet HTML 2Page - Interpoint Corporation Company HR150 Datasheet HTML 3Page - Interpoint Corporation Company HR150 Datasheet HTML 4Page - Interpoint Corporation Company HR150 Datasheet HTML 5Page - Interpoint Corporation Company HR150 Datasheet HTML 6Page - Interpoint Corporation Company HR150 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
model numbering key
HR15
3 28 12
Base Model
Input Voltage
Output Voltage
Number of Outputs
(1 = single, 2 = dual, 3 = triple)
(Auxiliary output on triple output models)
pin out
BOTTOM VIEW
HR151 and HR152
1
2
6
10
3
4
5
7
8
9
Dot on top of package indicates pin one
BOTTOM VIEW
HR153
10
9
8
7
6
1
2
3
4
5
Squared corner and dot on top
of package indicate pin one.
See case H6 for dimensions.
See case F4 for dimensions.
figuRe 1: HR151 anD HR152 Pin out
figuRe 2: HR153 Pin out
pin single output
dual output
triple output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
main (+5) Output
3
Trim
Positive Output
Output Common
4
Output Common
Output Common
Neg. Aux. Output
5
Positive Output
Negative Output
Pos. Aux. Output
6
No connection
No connection
No connection
7
No connection
No connection
Case Ground
8
Case Ground
Case Ground
Inhibit
9
No connection
No connection
No connection
10 Input Common
Input Common
Input Common
OUTPUT ADJUSTMENT RESISTOR VALUES
FOR
HR151-2805
Output Adjustment all HR151 models (single output):
The output can be adjusted upward by using the output adjust
(pin3). The resistance between output adjust (pin 3) and output
common (pin 4) will determine the magnitude of the increase
in the output. The table above is only applicable to
HR151-2805.
resistance
output Voltage
pin 3 to 4
increase (%)
∞
0
390K
+1%
145K
+2%
63K
+3%
22K
+4%
0
+5%
HR150
SERIES
20 WATT
Dc/Dc conVeRteRS
Page 4 of 7
HR150 Rev E 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com