Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR150 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HR150
Description  -40째C to 85째C operation Transient protection 50 V for 50 ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR150 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HR150 Datasheet HTML 1Page - Interpoint Corporation Company HR150 Datasheet HTML 2Page - Interpoint Corporation Company HR150 Datasheet HTML 3Page - Interpoint Corporation Company HR150 Datasheet HTML 4Page - Interpoint Corporation Company HR150 Datasheet HTML 5Page - Interpoint Corporation Company HR150 Datasheet HTML 6Page - Interpoint Corporation Company HR150 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1. minimum load required for full output capability on auxiliary outputs. minimum current can be reduced when dual outputs are used at reduced
loads.
DUALOUTPUTmODeLs
HR152-2812
HR152-2815
unitS
PaRameteR
conDitionS
min tyP maX min
tyP
maX
outPut Voltage
±11.88 ±12 ±12.12 ±14.85 ±15 ±15.15
VDC
outPut cuRRent
—
—
±625 —
—
±500
mA
outPut PoweR
—
—
15 —
—
15
W
outPut RiPPle
0 to 1 mHz
—
30
50 —
30
50
mV p-p
inPut Voltage
continuouS
18
28
36
—
—
50
18
28
36
—
—
50
VDC
V
tRanSient
50 ms
inPut cuRRent
no loaD
—
—
35 —
—
35
mA
inPut RiPPle cuRRent
0 to 2 mHz
—
25
50 —
25
50
mA p-p
efficiency
75
79
— 75
79
—
%
TRIPLeOUTPUTmODeLs
HR153-2812
HR153-2815
unitS
PaRameteR
conDitionS
min tyP maX min
tyP
maX
outPut Voltage
full
loaD
main
4.95 5.00 5.05
±11.88 ±12 ±12.12
4.95
5.00
5.05
±14.85 ±15 ±15.15
VDC
Dual
outPut cuRRent
main1
100
—
2000
—
—
±208
100
—
2000
—
—
±167
mA
Dual
outPut PoweR
main
—
—
10
—
—
2.5
—
—
15
—
—
10
—
—
2.5
—
—
15
W
±Dual
total
outPut RiPPle
0 to 1 mHz
main
—
40
80
—
20
40
—
40
80
—
20
40
mV p-p
Dual
inPut Voltage
continuouS
18
28
36
—
—
50
18
28
36
—
—
50
VDC
V
tRanSient
50 ms
inPut cuRRent
no loaD
—
—
50 —
—
50
mA
inPut RiPPle cuRRent
0 to 2 mHz
—
40
80 —
40
80 mA p-p
efficiency
75
79
— 75
79
—
%
HR150
SERIES
20 WATT
Dc/Dc conVeRteRS
Page 3 of 7
HR150 Rev E 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com