Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR150 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HR150
Description  -40째C to 85째C operation Transient protection 50 V for 50 ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR150 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HR150 Datasheet HTML 1Page - Interpoint Corporation Company HR150 Datasheet HTML 2Page - Interpoint Corporation Company HR150 Datasheet HTML 3Page - Interpoint Corporation Company HR150 Datasheet HTML 4Page - Interpoint Corporation Company HR150 Datasheet HTML 5Page - Interpoint Corporation Company HR150 Datasheet HTML 6Page - Interpoint Corporation Company HR150 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Size (max.): HR151 and HR152 models, case H6
2.110 x 1.1120 x 0.495 inches (53.59 x 28.45 x 12.57 mm)
HR153 models, case F4
1.950 x 1.350 x 0.505 inches (49.53 x 34.29 x 12.83 mm)
See cases F4 and H6 for dimensions.
Weight:
HR151 and HR152: 50 grams typical. HR153: 53 grams typical.
Screening: Standard only. See screening table for more information.
description
The HR150 Series™ DC/DC converters have been designed to give
industrial applications the same high reliability, small size, and high
performance that Interpoint has provided to military and aerospace
programs since 1969.
HigH Reliability
Each HR150 converter is built to perform reliably in the harshest
environments. Assembled using thick-film hybrid technology, HR150
converters have more uniform thermal coefficients and 50% fewer
connections than converters built by surface mount techniques. The
HR150 converter parts use the same manufacturing procedures and
quality controls that we apply to converters designed for commercial
airliners, the space shuttle, advanced fighter aircraft, and other high
reliability applications. The steel cases are hermetically sealed in a
dry nitrogen environment and are guaranteed a maximum leak rate
of less than 10-3 atm-cc/sec. All devices are 100% electrically tested.
Small Size – low PRofile
The HR150 Series manufacturing techniques provide extremely small
size and low profile components. Each converter uses less than 2.7
square inches of board area. The overall power density is from 11 to
17 watts per cubic inch.
HigH PeRfoRmance
The HR150 Series converters are high efficiency, low noise, pulse
width modulated, forward mode switching regulators with a constant
switching frequency of 125 kHz typical for single and dual output
models and 250 kHz typical for triple output models. They achieve
high isolation (500 V, 100 megohm) through use of a transformer in
the forward power circuit and an opto-coupler in the feedback control
loop.
HR 150 Series input voltage range is 18 to 36 VDC. Outputs are
available as 5, 12, 15, ±12, ±15, +5/±12, and +5/±15 VDC. The
converters typically provide greater than 80% efficiency over the
entire input range and from 25% to full load. Line regulation is typi-
cally within 0.1 % and load regulation within 0.2%.
HR150 converters are designed to operate between -40°C and
+85°C case and are short circuit protected up to a case temperature
of 85°C. The combination of high conversion efficiency and heat
dissipating metal enclosures minimizes heat sinking requirements.
If additional dissipation is desired, heat conducting material (PCB,
copper sheet, heat sink, etc.) may be brought into contact with the
unit’s baseplate.
An inhibit function is provided for HR150 converters when the inhibit
input pin is connected to the input common. The open circuit voltage
of the inhibit input pin is 11 to 13 VDC. The inhibit input pin must
sink approximately 1 mA during the inhibit state. During inhibit, the
converter’s output voltage drops to less than 1 volt and the input
current is typically 8 mA.
Features
• -40°Cto+85°Coperation
• 18to36VDCinput
• Transientprotection50Vfor50ms
for 28 Vin models
• Fullyisolated
• Fixedfrequencyswitching
• Outputtrimonsingleoutputmodels
• Inhibitfunction
• Indefiniteshortcircuitprotection
• Upto86%efficiency
mODELS
VDc outPut
Single
5
12
15
Dual
±12
±15
tRiPle
+5 & ±12
+5 & ±15
HR150
SERIES
20 WATT
Dc/Dc conVeRteRS
28 Volt inPut
NOT RECOMMENDED FOR NEW DESIGNS
Page 1 of 7
HR150 Rev E 20100212
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com


Similar Part No. - HR150

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
HR15-12 BB-BATTERY-HR15-12 Datasheet
209Kb / 1P
VRLA Rechargeable Battery
HR15-12-T2 BB-BATTERY-HR15-12-T2 Datasheet
212Kb / 1P
VRLA Rechargeable Battery
HR15-12FR BB-BATTERY-HR15-12FR Datasheet
209Kb / 1P
VRLA Rechargeable Battery
HR15-12 BB-BATTERY-HR15-12_15 Datasheet
171Kb / 1P
VRLA Rechargeable Battery
logo
Interpoint Corporation ...
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
More results

Similar Description - HR150

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_1 Datasheet
565Kb / 33P
3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
logo
Interpoint Corporation ...
HR120 INTERPOINT-HR120 Datasheet
430Kb / 6P
??0째C to 85째C operation 50 V for up to 50 ms transient protection
HR700 INTERPOINT-HR700 Datasheet
480Kb / 7P
??0째C to 85째C operation 50 V for 50 ms transient protection
MFW2812D INTERPOINT-MFW2812D_10 Datasheet
491Kb / 7P
??5째C to 85째C operation 50 V for 50 ms transient protection
MTO812T INTERPOINT-MTO812T Datasheet
548Kb / 6P
??5째C to 85째 C operation 50 V for 50 ms transient protection
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Vicor Corporation
PFM4414BB6M48D0C00 VICOR-PFM4414BB6M48D0C00 Datasheet
869Kb / 23P
Two temperature grades including operation to -40째C
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
Ultra-fast settling time (down to 50 ms)
SFC5400 ETC2-SFC5400 Datasheet
630Kb / 12P
Ultra-fast settling time (down to 50 ms)
logo
Renesas Technology Corp
SDAH01 RENESAS-SDAH01 Datasheet
1Mb / 9P
SDAH01 Evaluation Board operating temperature: -40째C to 85째C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com