Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MPEVALMP1D Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-MPEVALMP1D
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MPEVALMP1D Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-MPEVALMP1D Datasheet HTML 2Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 3Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 4Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 5Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 6Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 7Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 8Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 9Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 6/22
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 5 V ±10 % , Tj = -40 ... 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
001
VDD
Supply Voltage
4.5
5
5.5
V
002
I(VDD)
Supply Current in VDD
PSMI = lo, other pins open
8
12
mA
003
I(VDD)sb
Standby Supply Current
PSMI = hi
200
µA
004
VDDon
Power-On Threshold
Increasing voltage VDD
3.0
4.1
V
005
VDDoff
Power-Down Threshold
Decreasing voltage VDD
2.6
3.9
V
006
VDDhys
Hysteresis
VDDhys = VDDon - VDDoff
200
mV
007
ton()1
Turn-On Delay Following
Power-On
Time to data valid after enabling,
1
ms
VDD: VDDoff → VDDon
008
ton()2
Turn-On Delay Following Standby Time to data valid after standby,
900
µs
PSMI: hi → lo
009
Vc()hi
Clamp Voltage hi at
PSMI, MA, SLI, NERR
VDD = 0 V; I() = 1 mA
0.3
1.6
V
010
Vc()hi
Clamp Voltage hi at
PSMO, LAO, SLO
VDD = 0 V; I() = 4 mA
0.3
1.6
V
011
Vc()lo
Clamp Voltage lo at
PSMI, PSMO, LAO, MA, SLO,
SLI, NERR, VDD, VZAP
I() = -4 mA
-1.5
-0.3
V
Hall Sensor Array
101
Hext
Operating Magnetic Field
Strength
At surface of chip
20
50
100
kA/m
102
RPM
Permissible RPM Speed
12 000
rpm
103
ferr()
Excessive Frequency Alarm
ENERR(1) = 1; NERR: hi → lo
1
kHz
104
fmag()
Magnetic Field Frequency
200
Hz
105
dsens
Diameter of Hall Sensor Array
2
mm
106
xpac
Chip Placement Tolerance
Versus DFN10 package outlines
-0.2
0.2
mm
107
φ
pac
Chip Tilt Angle
Versus DFN10 package outlines
-3
3
DEG
108
hpac
Distance Surface of Package to
Surface of Chip
DFN10 package
400
µm
Sine-To-Digital Converter
301
RES
Converter Resolution
Per 360 degree
8
bit
302
HYS
Converter Hysteresis
1.4
DEG
303
AAabs
Absolute Angle Accuracy
Magnet with 4 mm in diameter, axis centered to
chip
-3
3
DEG
D/A Converter And Ratiometric Output LAO
401
RES()
D/A Converter Resolution
MODE(1:0) = 00 (range 360°)
8
bit
MODE(1:0) = 01 (range 270°)
7.5
bit
MODE(1:0) = 10 (range 180°)
7
bit
MODE(1:0) = 11 (range 90°)
6
bit
402
Iload()
Permissible Output Current
-1
1
mA
403
dV0()hi
Output Voltage hi, Rail-To-Rail
dV0()hi = V(VDD) - V(LAO), MODE(3) = 0;
I() = -1 mA
170
mV
I() = 0 mA
85
mV
404
dV0()lo
Output Voltage lo, Rail-To-Rail
MODE(3) = 0;
I() = 1 mA
170
mV
I() = 0 mA
85
mV
405
dV1()hi
Output Voltage hi, 10/90% Range MODE(3) = 1; I() = -1...+1 mA
85
95
%VDD
406
dV1()lo
Output Voltage lo, 10/90% Range MODE(3) = 1; I() = -1...+1 mA
5
15
%VDD
407
Ilk()
Leakage Current
V(LAO) = 0...VDD, PSMI = hi
-5
5
µA
408
SR()hi
Slew Rate hi
V(LAO): 20% → 80% of range
2
V/µs
409
SR()lo
Slew Rate lo
V(LAO): 80% → 20% of range
2
V/µs
Zapping Input VZAP
501
Vt1()hi
Voltage Threshold hi vs. GND
2
V
502
Vt1()lo
Voltage Threshold lo vs. GND
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com