Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MPEVALMP1D Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # IC-MPEVALMP1D
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MPEVALMP1D Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button IC-MPEVALMP1D Datasheet HTML 10Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 11Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 12Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 13Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 14Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 15Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 16Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 17Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 18Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 14/22
D(51:0)
Parameter
Description
7:0
OFFSET1(7:0)
Offset of the first set
11:8
MODE1(3:0)
Mode of the first set,
see Table 5 and 6
13:12
ENERR1(1:0)
Error mask of the first
set, see Table 8
21:14
OFFSET2(7:0)
Offset of the second set
25:22
MODE2(3:0)
Mode of the second set,
see Table 5 and 6
27:26
ENERR2(1:0)
Error mask of the
second set, see Table 8
35:28
OFFSET3(7:0)
Offset of the third set
39:36
MODE3(3:0)
Mode of the third set,
see Table 5 and 6
41:40
ENERR3(1:0)
Error mask of the third
set, see table 8
45:42
CRCID(3:0)
CRC ID
47:46
ZTEST(1:0)
Zener zap diodes, for
iC-Haus test purposes
only
51:48
TEST(3:0)
See ’TEST MODES’
Table 4: Programming Datastream
MODE1(1:0)
D(9:8)
MODE2(1:0)
D(23:22)
MODE3(1:0)
D(37:36)
Code
Full Scale Angle
00
360°
01
270°
10
180°
11
90°
Table 5: Linear Analog Output - Mode Bit 1:0
MODE1(2)
D(10)
MODE2(2)
D(24)
MODE3(2)
D(38)
Code
Rotation
0
CW*
1
CCW*
*) CW = clockwise, CCW = counter-clockwise
Table 6: Mode Bit 2
MODE1(3)
D(11)
MODE2(3)
D(25)
MODE3(3)
D(39)
Code
Range
0
(0 % - 100 %) * VDD
1
(10 % - 90 %) * VDD
Table 7: Linear Analog Output - Mode Bit 3
ENERR
The parameter ENERR indicates two kind of errors. If
the magnetic field strength is at low a ’Loss of Mag-
net’ is generated. An ’Excessive Frequency Alarm’ is
generated when the revolution per minute is to high.
Parameter ENERR handles the various error types.
ENERR1(1:0)
D(13:12)
ENERR2(1:0)
D(27:26)
ENERR3(1:0)
D(41:40)
Code
Error
00
No Error
01
Loss of Magnet*
10
Excessive Frequency Alarm
11
Excessive Frequency Alarm or Loss of Magnet*
*) see ’DESIGN REVIEW’
Table 8: Error masks
Calculating the position offset
Before iC-MP outputs the actual position via the serial
interface or the linear analog output (LAO), an offset is
added internally. This offset consists of the following
parameters:
OFFSET = OFFSET1 xor OFFSET2 xor OFFSET3
The offset is programmed in several stages (see Fig-
ure 16). It is important that the direction of rotation is
programmed prior to this (MODE Bit 2). To determine
the actual configured offset, all three offset parameters
must be read out. After these parameters have been
xored the actual offset is determined:
Actual Offset = OFFSET1 xor OFFSET2 xor OFFSET3
To calculate the new offset the actual position at the
required offset is required. The formula used to calcu-
late this new offset is as follows:
New Offset = 256 - Actual Position + Actual Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com