Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MPEVALMP1D Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-MPEVALMP1D
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MPEVALMP1D Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-MPEVALMP1D Datasheet HTML 6Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 7Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 8Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 9Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 10Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 11Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 12Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 13Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 10/22
SERIAL OUTPUT (SLO)
Figure 6: Serial data timing
D0 to D7 make up the absolute position data with re-
spect to the programmed position offset (OFFSET1 xor
OFFSET2 xor OFFSET3).
The absolute position is latched by a low to high tran-
sition at MA (see T1).
After an acknowledge (T2) at SLO iC-MP requests pro-
cessing time until the start condition (T3) is sent. Pro-
cessing time must be provided in Slow Scanning Mode
during startup.
With rising edge T4 at the clock pin the most significant
bit (D7) is placed on the serial data line SLO. After T5
has elapsed the controller can stop clocking at MA and
the device is ready to latch a new position after a time-
out (tout). If the controller continues to clock in a daisy
chain in Fast Scanning Mode after T5 has elapsed, the
second device (slave 2) outputs the position latched at
T1 at pin SLO.
The absolute position data (D0-D7) is binary coded.
The position data and the error bit (NERR) are CRC
protected. The CRC polynomial is X4+X+1 = 0x13.
Figure 7: Example CRC calculation
Figure 8: Timing in Fast Scanning Mode
Figure 9: Timing in Slow Scanning Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com