Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MPEVALMP1D Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-MPEVALMP1D
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MPEVALMP1D Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-MPEVALMP1D Datasheet HTML 14Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 15Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 16Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 17Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 18Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 19Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 20Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 21Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 22Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 21/22
TEST MODES
iC-MP has several test settings which make internal
reference quantities and the amplified, differential Hall
voltages of the sensor pairs accessible at external pins
for measurement purposes. This signals enables a
chip/package to be adjusted in relation to the magnet.
Test modes can be triggered by programming the pa-
rameter TEST (D(51:48)). The individual test modes
are listed in the following table.
See ’ELECTRICAL CHARACTERISTICS’.
Op. Mode
TEST(3:0)
Pin NERR
Pin LAO
Pin PSMO
Comments
analog
digital
Normal
0ddd
-
NERR
LAO
PSMO
Test 0
1000
PSIN
-
PCOS
PSMO
Test 1
1001
NSIN
-
NCOS
PSMO
Test 2
1010
GAIN
-
VREF
PSMO
Notes
d = don’t care
Table 9: Test modes
DESIGN REVIEW: Notes On Chip Functions
iC-MP Y
No.
Function, Parameter/Code
Description and Application Notes
1
Slow Scanning Mode
(without a magnet):
Serial Interface Mode is discontinued without a magnet
- The start bit is not available
- The daisy chain is stopped
Table 10: Notes on chip functions regarding iC-MP chip releas Y
iC-Haus expressly reserves the right to change its products and/or specifications. An Infoletter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com