Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MPEVALMP1D Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-MPEVALMP1D
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MPEVALMP1D Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-MPEVALMP1D Datasheet HTML 3Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 4Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 5Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 6Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 7Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 8Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 9Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 10Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 7/22
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 5 V ±10 % , Tj = -40 ... 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
503
Vt1()hys
Threshold Hysteresis
Vt1()hys = Vt1()hi − Vt1()lo
230
400
mV
504
Vt2()hi
Voltage Threshold hi vs. VDD
Vt2()hi = V() - VDD,
VDD = 5 V ±5%, Tj = 10 ... 40 °C
1.3
V
505
Vt2()lo
Voltage Threshold lo vs. VDD
Vt2()lo = V() - VDD;
VDD = 5 V ±5%, Tj = 10 ... 40 °C
0.7
V
506
Vt2()hys
Threshold Hysteresis
Vt2()hys = Vt2()hi − Vt2()lo
20
150
mV
507
Vzap()
Permissible Zapping Voltage
VDD = 5 V ±5%, Tj = 10 ... 40 °C
7.3
7.4
7.5
V
508
Izap()
Required Zapping Current
VDD = 5 V ±5%, Tj = 10 ... 40 °C
90
mA
Serial Interface and Power Save Mode Inputs: MA, SLI, PSMI
601
Vt()hi
Input Threshold Voltage hi
2
V
602
Vt()lo
Input Threshold Voltage lo
0.8
V
603
Vt()hys
Input Hysteresis
Vt()hys = Vt()hi − Vt()lo
230
mV
604
Ipu()
Input Pull-up Current
V() = 0...VDD − 1 V
-240
-120
-10
µA
605
fclk(MA)
Permissible Clock Frequency at
MA
Normal mode
0.080
10
MHz
606
tzap(MA)
Permissible Zapping Cycle at MA Programming mode,
VDD = 5 V ±5%, Tj = 10 ... 40 °C
4.5
5
5.5
µs
607
tout(MA)
Interface Timeout
Time from MA last edge to SLO lo → hi
15
µs
Serial Interface and Power Save Mode Outputs: SLO, PSMO
701
Vs()hi
Saturation Voltage hi
Vs()hi = VDD − V(), I() = -4 mA
0.4
V
702
Vs()lo
Saturation Voltage lo
I() = 4 mA
0.4
V
703
Isc()hi
Short-Circuit Current hi
V() = 0 V
-90
-10
mA
704
Isc()lo
Short-Circuit Current lo
V() = VDD
10
90
mA
705
tr()
Rise Time
CL() = 50 pF, V(): 20 → 80%
60
ns
706
tf()
Fall Time
CL() = 50 pF, V(): 80 → 20%
60
ns
I/O Interface NERR
801
Vs()lo
Saturation Voltage lo
I() = 4 mA
0.4
V
802
Ilk()
Leakage Current
V() = 0...VDD, PSMI = hi
-5
5
µA
803
Isc()lo
Short-Circuit Current lo
V() = VDD
4.5
90
mA
Test Signals at NERR, LAO, PSMO (iC-Haus device test only)
902
VREF
Reference Voltage at LAO
Op. mode: Test 2
45
50
55
%VDD
904
Vpp(PSIN) Pos. Sine Sensor AC Signal
at NERR
Op. mode: Test 0
2
Vpp
905
Vdc(PSIN) Pos. Sine Sensor DC Signal
at NERR
Op. mode: Test 0
VREF
V
906
Vpp(PCOS) Pos. Cosine Sensor AC Signal
at LAO
Op. mode: Test 0
2
Vpp
907
Vdc(PCOS) Pos. Cosine Sensor DC Signal
at LAO
Op. mode: Test 0
VREF
V
908
Vpp(NSIN) Neg. Sine Sensor AC Signal
at NERR
Op. mode: Test 1
2
Vpp
909
Vdc(NSIN) Neg. Sine Sensor DC Signal
at NERR
Op. mode: Test 1
VREF
V
910
Vpp(NCOS) Neg. Cosine Sensor AC Signal
at LAO
Op. mode: Test 1
2
Vpp
911
Vdc(NCOS) Neg. Cosine Sensor DC Signal
at LAO
Op. mode: Test 1
VREF
V
912
dVoff()
Diff. Sine and Cosine Signal
Offsets
dVoff() = V(PSIN) − V(NSIN),
dVoff() = V(PCOS) − V(NCOS)
-50
50
mV
913
VR()
Sine/Cosine AC Signal Ratio
VR() = V(PSIN) / V(PCOS),
VR() = V(NSIN) / V(NCOS)
0.95
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com