Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625 Datasheet(PDF) 32 Page - CML Microcircuits

Part # CMX625
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625 Datasheet(HTML) 32 Page - CML Microcircuits

Back Button CMX625 Datasheet HTML 26Page - CML Microcircuits CMX625 Datasheet HTML 27Page - CML Microcircuits CMX625 Datasheet HTML 28Page - CML Microcircuits CMX625 Datasheet HTML 29Page - CML Microcircuits CMX625 Datasheet HTML 30Page - CML Microcircuits CMX625 Datasheet HTML 31Page - CML Microcircuits CMX625 Datasheet HTML 32Page - CML Microcircuits CMX625 Datasheet HTML 33Page - CML Microcircuits CMX625 Datasheet HTML 34Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
32
D/625/2
IOM-2 Bus Timing
(See Figure 13)
Notes
Min.
Typ.
Max.
Unit
tDCL
DCL clock period in TE Mode
1
-
651
-
ns
tDCL
DCL clock period in non-TE Mode
1
-
244
-
ns
tR / tF
DCL clock rise time / fall time
1
-
-
60
ns
FSC
FSC period
1
-
125
-
µs
tFSCS
FSC set-up time
1
70
-
-
ns
tFSCH
FSC hold time
1
40
-
-
ns
tDUDC
DU delay clock (data out)
2
-
-
100
ns
tDUDF
DU delay frame (data out)
2
-
-
150
ns
Notes:
1. These signals are requirements and are not under control of CMX625.
2. Condition CL = 150pF.
Figure 13 IOM-2 Bus Timing Diagram
Typical UART Timings
(See Figures 9a and 9b)
Notes
Min.
Typ.
Max.
Unit
TFSK
(delay through the modulator)
-
106
-
µs
TDLY
(1 bit period)
-
833
-
µs
TDRDY
(¼ bit-period)
-
208
-
µs
TUFL
(¾ bit-period)
-
625
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com