Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625 Datasheet(PDF) 19 Page - CML Microcircuits

Part # CMX625
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button CMX625 Datasheet HTML 15Page - CML Microcircuits CMX625 Datasheet HTML 16Page - CML Microcircuits CMX625 Datasheet HTML 17Page - CML Microcircuits CMX625 Datasheet HTML 18Page - CML Microcircuits CMX625 Datasheet HTML 19Page - CML Microcircuits CMX625 Datasheet HTML 20Page - CML Microcircuits CMX625 Datasheet HTML 21Page - CML Microcircuits CMX625 Datasheet HTML 22Page - CML Microcircuits CMX625 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
19
D/625/2
1.5.13 DTMF Tone Decoder
This block is enabled or disabled by bit 5 of the SETUP Register. If disabled, bit 4 and 5 of the STATUS
Register and bit 0 to bit 3 of the DTMF RX DATA Register are set to ‘0’ and no interrupts are generated.
When bit 5 of the SETUP Register is enabled and bit 4 of the INTERRUPT MASK Register is set to ‘1’ (i.e.
unmasked) a ‘detected tone’ generates an interrupt and bit 4 of the STATUS Register is set to ‘1’.
Reading the STATUS Register clears the IRQN output.
When bit 5 of the SETUP Register is enabled and bit 5 of the INTERRUPT MASK Register is unmasked
(logic ‘1’), a ‘status change’ of the decoder will generate an interrupt and bit 5 of the STATUS Register will
be set to ‘1’. The validity of the data is indicated by bit 4 of the STATUS Register. The decode truth table
is shown below. Reading the STATUS Register clears the IRQN output. An interrupt is not generated
when ‘no tone’ is detected.
DTMF RX DATA Register Bits 0 - 3
DTMF Tone Pairs
Bit 3
(D3)
Bit 2
(D2)
Bit 1
(D1)
Bit 0
(D0)
Lower Frequency
(Hz)
Upper Frequency
(Hz)
Keypad
Legend
0
0
0
0
941
1633
D
0
0
0
1
697
1209
1
0
0
1
0
697
1336
2
0
0
1
1
697
1477
3
0
1
0
0
770
1209
4
0
1
0
1
770
1336
5
0
1
1
0
770
1477
6
0
1
1
1
852
1209
7
1
0
0
0
852
1336
8
1
0
0
1
852
1477
9
1
0
1
0
941
1336
0
1
0
1
1
941
1209
*
1
1
0
0
941
1477
#
1
1
0
1
697
1633
A
1
1
1
0
770
1633
B
1
1
1
1
852
1633
C
A status change of the decoder and the generation of an interrupt (when the INTERRUPT MASK Register
bit 5 is unmasked) will occur both when a tone is first decoded and also when a tone, which was previously
present, is no longer decoded. In the latter case, bit 4 of the STATUS Register will be set to ‘0’ to indicate
that no tone was detected.
The decoded tone pair is indicated by bits 0-3 in the DTMF RX DATA Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com