Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX625
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX625 Datasheet HTML 13Page - CML Microcircuits CMX625 Datasheet HTML 14Page - CML Microcircuits CMX625 Datasheet HTML 15Page - CML Microcircuits CMX625 Datasheet HTML 16Page - CML Microcircuits CMX625 Datasheet HTML 17Page - CML Microcircuits CMX625 Datasheet HTML 18Page - CML Microcircuits CMX625 Datasheet HTML 19Page - CML Microcircuits CMX625 Datasheet HTML 20Page - CML Microcircuits CMX625 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
17
D/625/2
1.5.10 SPM Generator
This block operates independently and has its own output pin. It can transmit 12kHz or 16kHz and is
controlled by bit 4 of the SETUP Register. Bit 7 of the MODE Register is used to enable or disable this
block. The signal has a rise and fall time each of about 4ms. The SPM signal rises from the bias level to
0dBm in 16 steps of
≈2dB magnitude, and falls from 0dBm to bias level in 16 steps of ≈2dB magnitude.
1.5.11 Transmit Signal Control
This block adjusts the amplitude of the FSK transmit signal output level, the level skew between DTMF
tones and the signal routing to the output ports.
Output signal levels are proportional to VDD. The nominal output signal levels (at 0dB attenuation and VDD
= 5.0V) are:
Single Tone
0dBm
Dual Tone (per tone)
-3dBm
DTMF High Frequency Tone
-3dBm
DTMF Low Frequency Tone
-5dBm
FSK Signal
0dBm
The level attenuator provides for level adjustment from 0dB to -14dB in -2dB steps. The typical level is
determined by bits 2 to 4 of the MODE Register as shown in the table below:
MODE Register
Signal Level Adjustment
Bit 4
Bit 3
Bit 2
(dB)
0
0
0
0
0
0
1
-2
0
1
0
-4
0
1
1
-6
1
0
0
-8
1
0
1
-10
1
1
0
-12
1
1
1
-14
The RING signal is a square, trapezoidal or sinusoidal wave. The square and trapezoidal wave have an
amplitude of
≈ VDD peak to peak and the sinusoidal wave has an amplitude of ≈ ½ VDD peak to peak. The
trapezoidal ringing waveform has a crest factor (CF) of 1.35. Bits 2 and 3 of the SETUP Register select
the waveform type as shown in the table below.
SETUP Register
RING Signal Select
Bit 3
Bit 2
0
0
Square wave
0
1
Trapezoidal wave
1
0
Sinusoidal wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com