Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX625
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX625 Datasheet HTML 17Page - CML Microcircuits CMX625 Datasheet HTML 18Page - CML Microcircuits CMX625 Datasheet HTML 19Page - CML Microcircuits CMX625 Datasheet HTML 20Page - CML Microcircuits CMX625 Datasheet HTML 21Page - CML Microcircuits CMX625 Datasheet HTML 22Page - CML Microcircuits CMX625 Datasheet HTML 23Page - CML Microcircuits CMX625 Datasheet HTML 24Page - CML Microcircuits CMX625 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
21
D/625/2
The CMX625 is programmed via the ‘MON1’ (Monitor Channel 1) channel in TE mode and the ‘Monitor’
channel in non-TE mode. The programming sequence consists of 3 consecutive Monitor bytes: the IOM-2
address, the CMX625 command and data byte. Before executing a command, the CMX625 compares the
received IOM-2 address byte with its own address. The MSB of the IOM-2 address is always a ‘1’ (see
section 1.5.2). A logical ‘1’ in the MSB of the CMX625 command represents a write operation and a
logical ‘0’ represents a read operation.
Structure for Register read/write operations:
IOM
Command
Register
R/W
0=Read
1=Write
0
X
X
Register
Address
A3
Register
Address
A2
Register
Address
A1
Register
Address
A0
Example 1: Program the CMX625 to generate interrupt requests for DTMF RX Status Change on bit 5 of
C/I channel, i.e. C/I1 Channel Output Control Code (2-0)=110. Set IOM-2 address to SA2-SA0=010 and
device select, DS=1.
MX
(DD)
MR
(DU)
DD
(hex)
MX
(DU)
MR
(DD)
DU
(hex)
Comment
1
1
FF
1
1
FF
Monitor Channel Idle State
0
1
A8
1
1
FF
Transmit IOM-2 Address
0
0
A8
1
1
FF
Acknowledge Address
1
0
88
1
1
FF
Transmit Command (Write IOM-2 Control, $8)
0
1
88
1
1
FF
1
0
06
1
1
FF
Acknowledge Command/ Transmit IOM-2 Control Data
0
1
06
1
1
FF
1
0
FF
1
1
FF
Acknowledge Data
1
1
FF
1
1
FF
End of Transmission
0
1
A8
1
1
FF
Transmit IOM-2 Address
0
0
A8
1
1
FF
Acknowledge Address
1
0
89
1
1
FF
Transmit Command (Write Mask Register, $9)
0
1
89
1
1
FF
1
0
20
1
1
FF
Acknowledge Command/ Transmit IOM-2 Control Data
0
1
20
1
1
FF
1
0
FF
1
1
FF
Acknowledge Data
1
1
FF
1
1
FF
End of Transmission
1
1
FF
1
1
FF
Idle
If the command is a register read then only the address and command bytes are sent. The CMX625 will
respond with an IOM-2 Register address byte followed by the read data. The IOM-2 Register address byte
consists of the Register address that is being read in the least significant 4 bits and the IOM-2 address
(less the device select bit) in the most significant 4 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com