Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625 Datasheet(PDF) 6 Page - CML Microcircuits

Part # CMX625
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button CMX625 Datasheet HTML 2Page - CML Microcircuits CMX625 Datasheet HTML 3Page - CML Microcircuits CMX625 Datasheet HTML 4Page - CML Microcircuits CMX625 Datasheet HTML 5Page - CML Microcircuits CMX625 Datasheet HTML 6Page - CML Microcircuits CMX625 Datasheet HTML 7Page - CML Microcircuits CMX625 Datasheet HTML 8Page - CML Microcircuits CMX625 Datasheet HTML 9Page - CML Microcircuits CMX625 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
6
D/625/2
1.4
External Components
16
21
20
15
19
24
14
18
23
13
17
22
1
2
3
4
5
9
6
10
7
11
8
12
IRQN
TE/NTE
FSC
DD
SA1
SA2
DCL
DU
SA0
RING
RXO
TONEFSK
VBIAS
TXO
TXN
TXON
RXP
DAC OUT
RXN
R1
C1
C2
VSS
VSS
VSS
VSS
VDD
VDD
VDD
CMX625
DS
IOM -2
Bus
Interface
TM
R2
R3
C3
C4
Rx In
VBIAS
Tx In
R4
R5
C5
R6
VDD
R7
SPM
RESET
C6
Figure 2 Recommended External Components
R1, R4
100kΩ
C1, C2
1.0µF
R2, R3
110kΩ
C3
100nF
R5
56kΩ
C4, C5
220pF
R6, R7
Note 2
C6
22nF
Resistor ±1%, capacitors ±5% unless otherwise stated.
Note:
1. The recommended component values, C3 to C6 and R2 to R5 and tolerances are essential to
meet the ITU-T Recommendation G.172 filter specification. See figure 12.
2. R6, R7 = 750
Ω with 5V supply. R6, R7 = 470Ω with 3.3V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com