Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625P4 Datasheet(PDF) 28 Page - CML Microcircuits

Part # CMX625P4
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625P4 Datasheet(HTML) 28 Page - CML Microcircuits

Back Button CMX625P4 Datasheet HTML 24Page - CML Microcircuits CMX625P4 Datasheet HTML 25Page - CML Microcircuits CMX625P4 Datasheet HTML 26Page - CML Microcircuits CMX625P4 Datasheet HTML 27Page - CML Microcircuits CMX625P4 Datasheet HTML 28Page - CML Microcircuits CMX625P4 Datasheet HTML 29Page - CML Microcircuits CMX625P4 Datasheet HTML 30Page - CML Microcircuits CMX625P4 Datasheet HTML 31Page - CML Microcircuits CMX625P4 Datasheet HTML 32Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
28
D/625/2
1.7.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
VDD = 2.7V at Tamb = 25°C and VDD = 3.0V to 5.5V at Tamb = -40 to +85°C,
0dBm = 775mVrms = 0dBm0.
DC Parameters
Notes
Min.
Typ.
Max.
Unit
IDD
All Enabled, VDD = 5.0V
1
-
6.9
-
mA
All Disabled, VDD = 5.0V
1
-
140
-
µA
DTMF Rx only, VDD = 5.0V
1
-
2.4
-
mA
Tx (tones, SPM) only, VDD = 5.0V
1
-
3.5
-
mA
Tx Output Buffer only Enabled, VDD = 5.0V
1
-
1.8
-
mA
PCM Codec only, VDD = 5.0V
1
-
3.1
-
mA
All Enabled, VDD = 3.3V
1
-
5.0
-
mA
All Disabled, VDD = 3.3V
1
-
80
-
µA
DTMF Rx only, VDD = 3.3V
1
-
1.6
-
mA
Tx (tones, SPM) only, VDD = 3.3V
1
-
2.3
-
mA
Tx Output Buffer only Enabled, VDD = 3.3V
1
-
1.3
-
mA
PCM Codec only, VDD = 3.3V
1
-
2.3
-
mA
Logic ‘1’ Input Level (CMOS inputs)
3
70%
-
-
V
Logic ‘0’ Input Level (CMOS inputs)
3
-
-
30%
V
Logic Input Leakage Current (Vin = 0 to VDD)
3
-1.0
-
+1.0
µA
Logic ‘1’ Input Level (TTL inputs)
3
2.0
-
-
V
Logic ‘0’ Input Level (TTL inputs), Vdd = 3.3V-5.5V
3, 13
-
-
0.8
V
Output Logic ‘1’ Level DD, DU (IOH = 4mA)
14
0.8
-
-
VDD
Output Logic ‘0’ Level DD DU (IOL = 6mA)
14
-
-
0.4
V
Output Logic ‘0’ Level IRQN (IOL = 3mA)
14
-
-
0.4
V
IRQN O/P ‘Off State Current (VOUT = VDD)
-
-
1.0
µA
FSK Encoder and Tx UART
Notes
Min.
Typ.
Max.
Unit
Level at TONEFSK pin
4
-1.0
0
1.0
dBm
Twist (Mark level w.r.t. Space level)
-2.0
0
+2.0
dB
Tx 1200bits/sec (V23 mode)
Baud Rate (set by UART and DCL)
1194
1200
1206
Baud
Mark (Logical 1) Frequency
1297
1300
1303
Hz
Space (Logical 0) Frequency
2097
2100
2103
Hz
Tx 1200bits/sec (Bell 202 mode)
Baud Rate (set by UART and DCL)
1194
1200
1206
Baud
Mark (Logical 1) Frequency
1197
1200
1203
Hz
Space (Logical 0) Frequency
2197
2200
2203
Hz
TONEFSK Signal Level
Notes
Min.
Typ.
Max.
Unit
Level at TONEFSK pin for:
Single tone
4
-1.0
0
1.0
dBm
Dual tone (per tone)
4
-4.0
-3.0
-2.0
dBm
DTMF High Frequency Group
4
-4.0
-3.0
-2.0
dBm
DTMF Low Frequency Group
4
-6.0
-5.0
-4.0
dBm
Output Impedance
-
10.0
-
k
Ω
Tone frequency resolution
-2.5
-
2.5
Hz
Tone output distortion
5
-
0.8
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com