Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625P4 Datasheet(PDF) 29 Page - CML Microcircuits

Part # CMX625P4
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625P4 Datasheet(HTML) 29 Page - CML Microcircuits

Back Button CMX625P4 Datasheet HTML 25Page - CML Microcircuits CMX625P4 Datasheet HTML 26Page - CML Microcircuits CMX625P4 Datasheet HTML 27Page - CML Microcircuits CMX625P4 Datasheet HTML 28Page - CML Microcircuits CMX625P4 Datasheet HTML 29Page - CML Microcircuits CMX625P4 Datasheet HTML 30Page - CML Microcircuits CMX625P4 Datasheet HTML 31Page - CML Microcircuits CMX625P4 Datasheet HTML 32Page - CML Microcircuits CMX625P4 Datasheet HTML 33Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
29
D/625/2
DTMF Decoder
Notes
Min.
Typ.
Max.
Unit
Valid input signal levels
(each tone of composite signal)
4
-29.0
-
-2.0
dBm
Not decode level
(either tone of composite signal)
4
-
-
-40.0
dBm
Twist = High Tone/Low Tone
-9.0
-
10.0
dB
Frequency Detect Bandwidth
±1.8
-
±4.5
%
Dial Tone Tolerance
6
-
-
0
dB
Noise Tolerance
6,7
-
-14
-
dB
Tone Response time
2
-
-
40.0
ms
Tone De-response time
2
-
-
45.0
ms
Tone burst detected
2
40.0
-
-
ms
Tone burst ignored
2
-
20.0
-
ms
Pause length detected
2
40.0
-
-
ms
Pause length ignored
2
-
-
20.0
ms
SPM Signal Level
Notes
Min.
Typ.
Max.
Unit
Level at SPM pin
4, 9
-1.5
0
1.0
dBm
4, 9, 10
-1.0
0
0.5
dB
Tone frequency accuracy
-14.0
-
14.0
Hz
Tone output distortion
5
-
1.2
-
%
Output Impedance
-
10.0
-
k
Ω
PCM Codec-Filter
Notes
Min.
Typ.
Max.
Unit
PCM Codec-Filter
Passband
8
300
-
3400
Hz
Passband Gain (at 1.02kHz)
8
-
0
-
dB
Passband Ripple (w.r.t. gain at 1.02kHz)
8
-0.5
-
+0.5
dB
Stopband Attenuation
8
-
30.0
-
dB
Group delay
Absolute
-
-
600
µs
Relative to 1kHz:
500Hz
-
-
1.5
ms
600Hz
-
-
0.75
ms
2600Hz
-
-
0.25
ms
2800Hz
-
-
1.5
ms
Signal-to-total distortion ratio as a function of input
level (1kHz input level):
-45dBm
11
22.0
-
-
dBp
-40dBm
11
27.0
-
-
dBp
-30dBm
11
33.0
-
-
dBp
0dBm
11
33.0
-
-
dBp
Variation of gain with input level (1kHz input signal)
-55dBm0
-3.0
-
+3.0
dB
-50dBm0
-1.0
-
+1.0
dB
-40dBm0
-0.5
-
+0.5
dB
+3dBm0
-0.5
-
+0.5
dB
Idle channel noise
11
-
-
-65.0
dBm0p
Output Impedance
-
1.0
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com