Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625P4 Datasheet(PDF) 30 Page - CML Microcircuits

Part # CMX625P4
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625P4 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button CMX625P4 Datasheet HTML 26Page - CML Microcircuits CMX625P4 Datasheet HTML 27Page - CML Microcircuits CMX625P4 Datasheet HTML 28Page - CML Microcircuits CMX625P4 Datasheet HTML 29Page - CML Microcircuits CMX625P4 Datasheet HTML 30Page - CML Microcircuits CMX625P4 Datasheet HTML 31Page - CML Microcircuits CMX625P4 Datasheet HTML 32Page - CML Microcircuits CMX625P4 Datasheet HTML 33Page - CML Microcircuits CMX625P4 Datasheet HTML 34Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
30
D/625/2
Tx Output Buffer
Notes
Min.
Typ.
Max.
Unit
Buffer output signal swing;
12
2.2
-
-
Vp-p
Load greater than 500
Ω
Power-Up Timing
Notes
Min.
Typ.
Max.
Unit
Device reset to reliable signal at TXO, TXON,
-
50.0
-
ms
RING, SPM or TONEFSK output pins
Notes:
1.
At 25
°C, not including any current drawn from the CMX625 pins by external circuitry.
2.
At nominal signal frequencies and without skew.
3.
Excluding IOM-2 serial bus interface pins: FSC, DCL, DD and DU in bus reversal.
4.
At VDD = 5.0V, load resistance greater than 40kΩ, signal levels are proportional to VDD.
5.
Frequency above 300Hz.
6.
Referenced to DTMF tone of lower amplitude.
7.
Bandwidth limited: 0 to 3.4kHz Gaussian Noise.
8.
See filter response, Figure 12.
9.
SPM has a soft rise and fall time of about 4ms. The level changes between VBIAS and
0dBm in 2dB steps, 16 steps per rise and fall. When SPM is disabled, an extra 4ms
falling tail end of signal should be taken into consideration.
10. Over the range VDD = 3.3V to 5.5V at Tamb = 25°C.
11. Represents a psophometrically weighted measurement.
12. For each of the TXON (if enabled) and TXO pins, load placed between the pin and
VDD / 2, for VDD = 5.0V only.
13. Derate linearly minimum TTL Logic ‘0’ level from 0.8V at Vdd = 3.3V to 0.5V at
Vdd = 2.7V.
14. All outputs CMOS levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com